전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE1506ADJFM+H 데이터시트(PDF) 5 Page - ACE Technology Co., LTD.

부품명 ACE1506ADJFM+H
상세설명  150KHz,2A, PWM Step-Down DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1506ADJFM+H 데이터시트(HTML) 5 Page - ACE Technology Co., LTD.

  ACE1506ADJFM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1506ADJFM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
 
                                                                                                                  
ACE150X
                        Technology
150KHz,2A ,PWM Step-Down DC/DC Converter
VER 1.2
5
Notes:
Thermal Considerations:
The SOP-8 package needs a heat sink under most conditions. The size of the heat sink depends on the input
voltage, the load current and ambient temperature. The ACE150X junction temperature rises above ambient
temperature for a 2A load and different input and output voltages. The data for these curves was taken with the
ACE150X(SOP-8 package) operating as a buck-switching regulator in an ambient temperature of 25℃ (still air).
These temperature increments are all approximate and are affected by many factors.
Higher ambient temperatures require more heat sinker. For the best thermal performance, wide copper traces and
generous amounts of printed circuit board copper should be used in the board layout. ( One exception is the
output(switch) pin, which should not have large areas of copper.) Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further.
Package thermal resistance and junction temperature increments are affected by a lot of factors. Some of these
factors include board size, shape, thickness, position, location, and even board temperature. Other factors are, trace
width, total printed circuit copper area, copper thickness, single or double-sided, multi-layer board and the amount of
solder on the board. The effectiveness of the PC board to dissipate heat also depends on the size, Furthermore,
some of these components such as the catch diode will add heat to the PC board and the heat can vary as the
input voltage changes. For the inductor, depending on the physical size, type or core material and the DC resistance,
it could either act as a heat sink taking heat away from the board, or it could add heat to the board.
Application Data
3A Diode
3A Diode
Surface Mount
Through Hole
Surface Mount
Through Hole
VR(V)
Scgittky
Schottky
Scgittky
Schottky
20
SK32
1N5820
SR302
MBR320
1N5823
SR502
MBR520
30
SK33
1N5821
MBR330
31DQ03
50WQ03
1N5824
SR503
SB530
40
SK34
MBRS340
1N5822
SR304
MBR340
31DQ04
50WQ04
1N5825
SR504
SB540
50
SK35
MBRS360
SR305
MBR350
31DQ05
MUR320
50WQ05
50WF10
SB550
50SQ080
HER601
MUR620


유사한 부품 번호 - ACE1506ADJFM+H

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE1500B ACE-ACE1500B Datasheet
758Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501E FAIRCHILD-ACE1501E Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM FAIRCHILD-ACE1501EM Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501EM8 FAIRCHILD-ACE1501EM8 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
More results

유사한 설명 - ACE1506ADJFM+H

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
P1696 UTC-P1696 Datasheet
112Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P1696 UTC-P1696_11 Datasheet
223Kb / 7P
   150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
   DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com