전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE301C22AM+ 데이터시트(PDF) 10 Page - ACE Technology Co., LTD.

부품명 ACE301C22AM+
상세설명  High-precision Low Voltage Detector
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301C22AM+ 데이터시트(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE301C22AM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 10Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 11Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 12Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 13Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
 
                                                                                                                     
ACE301
                        Technology
High-precision Low Voltage Detector
VER 1.3
10
Typical Performance Characteristics
(1) Output voltage VS. Input Voltage
Detector threshold=0.9V
Detector threshold=0.9V
Detector threshold=0.9V
(-40℃)
(25℃)
(70℃)
Input Voltage (V)
Input Voltage (V)
Input Voltage (V)
Detector threshold=2.7V
Detector threshold=2.7V
Detector threshold=2.7V
(-40℃)
(25℃)
(70℃)
Input Voltage (V)
Input Voltage (V)
Input Voltage (V)
Detector threshold=3.0V
Detector threshold=3.0V
Detector threshold=3.0V
(-40℃)
(25℃)
(70℃)
Input Voltage (V)
Input Voltage (V)
Input Voltage (V)


유사한 부품 번호 - ACE301C22AM+

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE301C09AM+H ACE-ACE301C09AM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09BM+H ACE-ACE301C09BM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09BN+H ACE-ACE301C09BN+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09EP+H ACE-ACE301C09EP+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C60AM+H ACE-ACE301C60AM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
More results

유사한 설명 - ACE301C22AM+

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com