전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE108540ZM+ 데이터시트(PDF) 1 Page - ACE Technology Co., LTD.

부품명 ACE108540ZM+
상세설명  3A Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE108540ZM+ 데이터시트(HTML) 1 Page - ACE Technology Co., LTD.

  ACE108540ZM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE108540ZM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE108540ZM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE108540ZM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE108540ZM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE108540ZM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE108540ZM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE108540ZM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE108540ZM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
 
                                                                                                                    
ACE1085
                        Technology
3A Low Dropout Linear Regulator
VER 1.2
Description
ACE1085 is a series of low dropout three terminal regulators with a dropout of 1.3V at 3A load current.
Other than a fixed version (Vout=1.8V,2.5V,3.3V,5.0V), ACE1085 has an adjustable version, The
adjustable version can set the output voltage with two external resistors.
ACE1085 offers thermal shut down and current limit functions, to assure the stability of chip and power
system. And it uses trimming technique to guarantee output voltage accuracy within ±2%.
The ACE1085 series is available in standard packages of TO-263-2L, TO-263-3L, TO-220 and TO-252.
Features
Other than a fixed version and an adjustable version, output value can be customized on command.
Maximum output current is 3A
Output voltage accuracy is within ±2% (±1% Customized)
Range of operation input voltage: Max 18V
Line regulation: 0.2% (Typical)
Load regulation: 0.2% (Typical)
Environment Temperature: -50℃~140℃
Application
Power Management for Computer Mother Board, Graphic Card
Battery Charger
Post Regulators for Switching Supplies
Microprocessor Supply
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
18
V
Junction temperature
TJ
150
OC
Environment Temperature
TA
140
OC
Storage temperature
TS
- 65 to 150
OC
Packaging Type
TO-220
TO-263-3L
TO-263-2L
TO-252
1
2
3
1
2
3
1
2
3
1 2 3


유사한 부품 번호 - ACE108540ZM+

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G15YM+H ACE-ACE1085G15YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G18YM+H ACE-ACE1085G18YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G25YM+H ACE-ACE1085G25YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G50YM+H ACE-ACE1085G50YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
More results

유사한 설명 - ACE108540ZM+

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com