전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA18A 데이터시트(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

부품명 SA18A
상세설명  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
홈페이지  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SA18A 데이터시트(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SA18A Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SA18A Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
FEATURES
Plastic package has Underwrites Laboratory
Flammability Classification 94V-O
Glass passivated chip junction
500W Peak Pulse Power capability
on 10/1000 s waveform
Excellent clamping capability
Repetition rate (duty cycle):0.01%
Low incremental surge resistance
Fast response time: typically less than 1.0 ps
from 0 volts to BV for unidirctional and 5.0ns
for bidirctional types
Typical ID less than 1 A above 10V
High tempreature soldering guaranteed:
0
300 C/10 seconds .375", (9.5mm)
lead length/51bs.,(2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-15 Molded plastic over passivated junction
Terminals:Plated Axial leads, solderable per MIL-STD-750, Method 2026
Polarity:Color band denotes positive end (cathode) except Bidirectionals types
Mounting Position
Weight:0.015 ounce, 0.4 gram
VOLTAGE 6.8 to 144 VOLTS
400 WATT PEAK POWER
1.0 WATTS STEADY STATE
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
GLASS PASSIVATED JUNCTION TRAN-
SIENT VOLTAGE SUPPRESSOR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
RATINGS
SYMBOL
Operating Junction and Storage Temperature Range
PPPM
IPPM
PM(AV0
IFSM
TJ, TSTG
VALUE
Minimum 5000
70.0
1.0
SEE TABLE 1
-65 to + 175
Amps
Amps
UNITS
0
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2
22
2. Measured on copper Leaf area of 1.57 in (40mm ) per Figure 5
3. 8.3ms single half sine-wave or equivalent square wave, Duty Cycle=4 pulses per minutes maximum.
Watts
Watts
0C
Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Super-
imposed on Rated Load, unidirrctional only (JEDEC Method)(NOTE 3)
0
Steady Power Dissipation at TL=75 C
Lead Lengths .375",(9.5mm)(NOTE 2)
Peak Pulse Power Dissipation on 10/1000
s waveform (NOTE 1,2,Fig.1)
Peak Pulse Current of on 10/1000
s waveform (NOTE 1,Fig.3)
DO-15
SA5.0 thru SA170CA


유사한 부품 번호 - SA18A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
SA18A MOTOROLA-SA18A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Microdiode Electronics ...
SA18A CHENDA-SA18A Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SA18A TSC-SA18A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SA18A SOCAY-SA18A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SA18A LITTELFUSE-SA18A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
More results

유사한 설명 - SA18A

제조업체부품명데이터시트상세설명
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com