전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM9000A 데이터시트(PDF) 52 Page - Davicom Semiconductor, Inc.

부품명 DM9000A
상세설명  Ethernet Controller with General Processor Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAVICOM [Davicom Semiconductor, Inc.]
홈페이지  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9000A 데이터시트(HTML) 52 Page - Davicom Semiconductor, Inc.

Back Button DM9000A Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9000A Datasheet HTML 56Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
DM9000A
Ethernet Controller with General Processor Interface
Final
52
Version: DM9000A-17-DS-F01
May 10, 2006
11. Application Notes
11.1 Network Interface Signal Routing
Place the transformer as close as possible to the RJ-45
connector. Place all the 50Ω resistors as close as possible
to the DM9000A RXI± and TXO± pins. Traces routed
from RXI± and TXO± to the transformer should run in close
pairs directly to the transformer. The designer should be
careful not to cross the transmit and receive pairs. As
always, vias should be avoided as much as possible. The
network interface should be void of any signals other than
the TXO± and RXI± pairs between the RJ-45 to the
transformer and the transformer to the DM9000A.. There
should be no power or ground planes in the area under the
network side of the transformer to include the area under the
RJ-45 connector. (Refer to Figure 11-4 and 11-5) Keep
chassis ground away from all active signals. The RJ-45
connector and any unused pins should be tied to chassis
ground through a resistor divider network and a 2KV bypass
capacitor.
The Band Gap resistor should be placed as physically close
as pins 1 and 48 as possible (refer to Figure 11-1 and 11-2).
The designer should not run any high-speed signal near the
Band Gap resistor placement.
11.2 10Base-T/100Base-TX Auto MDIX Application
DM9000A
RXI+
RXI-
TX0+
TX0-
BGGND
BGRES
AUTO MDI-X
Transformer
RJ45
1
2
8
3
4
5
6
7
1:1
1:1
75
1%
2.5V AVCC
0.1µF
0.1µF/2KV
Chasis GND
AGND
3
4
7
8
1
48
AGND
75
1%
75
1%
6.8K
1%
50
1%
50
1%
50
1%
50
1%
AVDD_25
AVDD_25
9
2
0.1µF
0.1µF
220µF
AGND
Figure 11-1 Auto MDIX Application


유사한 부품 번호 - DM9000A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
DM9000AE ETC1-DM9000AE Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000AE DAVICOM-DM9000AE Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
logo
List of Unclassifed Man...
DM9000AEP ETC1-DM9000AEP Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results

유사한 설명 - DM9000A

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_06 Datasheet
1Mb / 50P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B_12 Datasheet
425Kb / 63P
   Ethernet Controller With General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com