전자부품 데이터시트 검색엔진 |
|
TC1301B-DPAVUA 데이터시트(PDF) 2 Page - Microchip Technology |
|
TC1301B-DPAVUA 데이터시트(HTML) 2 Page - Microchip Technology |
2 / 28 page TC1301A/B DS21798C-page 2 © 2008 Microchip Technology Inc. Functional Block Diagrams Typical Application Circuits LDO #2 150 mA LDO #1 300 mA LDO #2 150 mA VIN VOUT1 VOUT2 Bandgap Reference 1.2V SHDN2 Threshold Detector Time Delay 300 ms, typ RESET VDET GND Bypass TC1301A VDET TC1301B VIN SHDN2 GND Bypass SHDN1 LDO #1 300 mA Threshold Detector Time Delay 300 ms typ VOUT1 VOUT2 RESET Bandgap Reference 1.2V VOUT1 8 4 1 2 3 RESET GND VDET BATTERY COUT1 1 µF Ceramic X5R CIN 1µF TC1301A COUT2 1 µF Ceramic X5R C BYPASS (Note) 10 nF Ceramic Bypass VIN 7 VOUT2 6 SHDN2 ON/OFF Control VOUT2 System RESET 2.8V @ 300 mA 2.6V @ 150 mA 5 VOUT1 8 4 1 2 3 RESET GND SHDN1 BATTERY COUT1 1 µF Ceramic X5R CIN 1µF TC1301B 1 µF Ceramic X5R Bypass VIN 7 2.7V to 4.2V VOUT2 6 SHDN2 ON/OFF Control VOUT2 System RESET 2.8V @ 300 mA 2.6V @ 150 mA 5 ON/OFF Control VOUT1 Note: C BYPASS is optional 2.7V to 4.2V COUT2 |
유사한 부품 번호 - TC1301B-DPAVUA |
|
유사한 설명 - TC1301B-DPAVUA |