전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM9008AEP 데이터시트(PDF) 33 Page - Davicom Semiconductor, Inc.

부품명 DM9008AEP
상세설명  Ethernet Controller with General Processor Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAVICOM [Davicom Semiconductor, Inc.]
홈페이지  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9008AEP 데이터시트(HTML) 33 Page - Davicom Semiconductor, Inc.

Back Button DM9008AEP_06 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 37Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
DM9008AEP
Ethernet Controller with General Processor Interface
Preliminary
33
Version: DM9008AEP-DS-P03
Dec. 14, 2006
partner
5.4-5.0
Selector
<00000>,
RO
Protocol Selection Bits
Link partner’s binary encoded protocol selector
8.7 Auto-negotiation Expansion Register (ANER)- 06
Bit
Bit Name
Default
Description
6.15-6.5
Reserved
0, RO
Reserved
Read as 0, ignore on write
6.4
PDF
0, RO/LH
Local Device Parallel Detection Fault
PDF = 1: A fault detected via parallel detection function.
PDF = 0: No fault detected via parallel detection function
6.3
LP_NP_ABL
E
0, RO
Link Partner Next Page Able
LP_NP_ABLE = 1: Link partner, next page available
LP_NP_ABLE = 0: Link partner, no next page
6.2
NP_ABLE
0,RO/P
Local Device Next Page Able
NP_ABLE = 1: DM9008A, next page available
NP_ABLE = 0: DM9008A, no next page
DM9008A does not support this function, so this bit is
always 0
6.1
PAGE_RX
0, RO/LH
New Page Received
A new link code word page received. This bit will be
automatically cleared when the register (register 6) is read by
management
6.0
LP_AN_ABL
E
0, RO
Link Partner Auto-negotiation Able
A “1” in this bit indicates that the link partner supports
Auto-negotiation
8.8 DAVICOM Specified Configuration Register (DSCR) – 16
Bit
Bit Name
Default
Description
16.15
BP_4B5B
0,RW
Bypass 4B5B Encoding and 5B4B Decoding
1 = 4B5B encoder and 5B4B decoder function bypassed
0 = Normal 4B5B and 5B4B operation
16.14
BP_SCR
0, RW
Bypass Scrambler/Descrambler Function
1 = Scrambler and descrambler function bypassed
0 = Normal scrambler and descrambler operation
16.13
BP_ALIGN
0, RW
Bypass Symbol Alignment Function
1 = Receive functions (descrambler, symbol alignment and
symbol decoding functions) bypassed. Transmit functions
(symbol encoder and scrambler) bypassed


유사한 부품 번호 - DM9008AEP_06

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
More results

유사한 설명 - DM9008AEP_06

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9000B DAVICOM-DM9000B_12 Datasheet
425Kb / 63P
   Ethernet Controller With General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com