전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM9008AEP 데이터시트(PDF) 29 Page - Davicom Semiconductor, Inc.

부품명 DM9008AEP
상세설명  Ethernet Controller with General Processor Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAVICOM [Davicom Semiconductor, Inc.]
홈페이지  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9008AEP 데이터시트(HTML) 29 Page - Davicom Semiconductor, Inc.

Back Button DM9008AEP_06 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9008AEP_06 Datasheet HTML 33Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
DM9008AEP
Ethernet Controller with General Processor Interface
Preliminary
29
Version: DM9008AEP-DS-P03
Dec. 14, 2006
0 = Normal operation
0.6-0.0
Reserved
0,RO
Reserved
Read
as 0, ignore on write
8.2 Basic Mode Status Register (BMSR) - 01
Bit
Bit Name
Default
Description
1.15
100BASE-T4
0,RO/P
100BASE-T4 Capable
The DM9008A is not support 100BASE-T4 mode.
1.14
100BASE-TX
full-duplex
1,RO/P
100BASE-TX Full Duplex Capable
The DM9008A is not support 100BASE-TX full duplex mode.
1.13
100BASE-TX
half-duplex
1,RO/P
100BASE-TX Half Duplex Capable
The DM9008A is not support 100BASE-TX half duplex mode
1.12
10BASE-T
full-duplex
1,RO/P
10BASE-T Full Duplex Capable
1 = DM9008A is able to perform 10BASE-T in full duplex
mode
0 = DM9008A is not able to perform 10BASE-TX in full
duplex mode
1.11
10BASE-T
half-duplex
1,RO/P
10BASE-T Half Duplex Capable
1 = DM9008A is able to perform 10BASE-T in half duplex
mode
0 = DM9008A is not able to perform 10BASE-T in half
duplex mode
1.10-1.7
Reserved
0,RO
Reserved
Read as 0, ignore on write
1.6
MF preamble
suppression
1,RO
MII Frame Preamble Suppression
1 = PHY will accept management frames with preamble
suppressed
0 = PHY will not accept management frames with preamble
suppressed
1.5
Auto-negotiation
Complete
0,RO
Auto-negotiation Complete
1 = Auto-negotiation process completed
0 = Auto-negotiation process not completed
1.4
Remote fault
0, RO/LH Remote Fault
1 = Remote fault condition detected (cleared on read or by a
chip reset). Fault criteria and detection method is DM9008A
implementation specific. This bit will set after the RF bit in
the ANLPAR (bit 13, register address 05) is set
0 = No remote fault condition detected
1.3
Auto-negotiation
ability
1,RO/P
Auto Configuration Ability
1 = DM9008A is able to perform auto-negotiation
0 = DM9008A is not able to perform auto-negotiation


유사한 부품 번호 - DM9008AEP_06

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
More results

유사한 설명 - DM9008AEP_06

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9000B DAVICOM-DM9000B_12 Datasheet
425Kb / 63P
   Ethernet Controller With General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com