전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM9008AEP 데이터시트(PDF) 38 Page - Davicom Semiconductor, Inc.

부품명 DM9008AEP
상세설명  Ethernet Controller with General Processor Interface
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAVICOM [Davicom Semiconductor, Inc.]
홈페이지  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9008AEP 데이터시트(HTML) 38 Page - Davicom Semiconductor, Inc.

Back Button DM9008AEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9008AEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9008AEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9008AEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9008AEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9008AEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9008AEP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9008AEP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9008AEP Datasheet HTML 42Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
DM9008AEP
Ethernet Controller with General Processor Interface
Preliminary
38
Version: DM9008AEP-DS-P03
Dec. 14, 2006
9. Functional Description
9.1 Host Interface
The host interface is a general processor local bus
that using chip select (pin CS#) to access DM9008A.
Pin CS# is default low active which can be re-defined
by EEPROM setting.
There are only two addressing ports through the
access of the host interface. One port is the INDEX
port and the other is the DATA port. The INDEX port
is decoded by the pin CMD =0 and the DATA port by
the pin CMD =1. The contents of the INDEX port are
the register address of the DATA port. Before the
access of any register, the address of the register
must be saved in the INDEX port.
9.2 Direct Memory Access Control
The DM9008A provides DMA capability to simplify
the access of the internal memory. After the
programming of the starting address of the internal
memory and then issuing a dummy read/write
command to load the current data to internal data
buffer, the desired location of the internal memory
can be accessed by the read/write command
registers. The memory’s address will be increased
with the size that equals to the current operation
mode (i.e. the 8-bit or 16-bit mode) and the data of
the next location will be loaded into internal data
buffer automatically. It is noted that the data of the
first access (the dummy read/write command) in a
sequential burst should be ignored because that the
data was the contents of the last read/write
command.
The internal memory size is 16K bytes. The first
location of 3K bytes is used for the data buffer of the
packet transmission. The other 13K bytes are used
for the buffer of the receiving packets. So in the write
memory operation, when the bit 7 of IMR is set, the
memory address increment will wrap to location 0 if
the end of address (i.e. 3K) is reached. In a similar
way, in the read memory operation, when the bit 7 of
IMR is set, the memory address increment will wrap
to location 0x0C00 if the end of address (i.e. 16K) is
reached.
9.3 Packet Transmission
There are two packets, sequentially named as index I
and index II, can be stored in the TX SRAM at the
same time. The index register 02h controls the
insertion of CRC and pads. Their statuses are
recorded at index registers 03h and 04h respectively.
The start address of transmission is 00h and the
current packet is index I after software or hardware
reset. Firstly write data to the TX SRAM using the
DMA port and then write the byte count to byte_
count register at index register 0fch and 0fdh. Set the
bit 1 of control register. The DM9008A starts to
transmit the index I packet. Before the transmission
of the index I packet ends, the data of the next (index
II) packet can be moved to TX SRAM. After the index
I packet ends the transmission, write the byte count
data of the index II to BYTE_COUNT register and
then set the bit 1 of control register to transmit the
index II packet. The following packets, named index I,
II, I, II,…, use the same way to be transmitted.
9.4 Packet Reception
The RX SRAM is a ring data structure. The start
address of RX SRAM is 0C00h after software or
hardware reset. Each packet has a 4-byte header
followed with the data of the reception packet which
CRC field is included. The format of the 4-byte
header is 01h, status, BYTE_COUNT low, and
BYTE_COUNT high. It is noted that the start address
of each packet is in the proper address boundary
which depends on the operation mode (the 8-bit or
16-bit ).


유사한 부품 번호 - DM9008AEP

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9008AEP DAVICOM-DM9008AEP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
More results

유사한 설명 - DM9008AEP

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9000B DAVICOM-DM9000B_12 Datasheet
425Kb / 63P
   Ethernet Controller With General Processor Interface
logo
List of Unclassifed Man...
DM9000A ETC1-DM9000A Datasheet
1Mb / 56P
   Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BEP DAVICOM-DM9000BEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008CEP DAVICOM-DM9008CEP Datasheet
48Kb / 2P
   Ethernet Controller with General Processor Interface
DM9010EP DAVICOM-DM9010EP Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000AEP DAVICOM-DM9000AEP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
DM9008C DAVICOM-DM9008C Datasheet
422Kb / 52P
   Ethernet Controller With General Processor Interface
DM9008AEP DAVICOM-DM9008AEP_08 Datasheet
47Kb / 2P
   Ethernet Controller with General Processor Interface
DM9000B DAVICOM-DM9000B Datasheet
413Kb / 56P
   Ethernet Controller With General Processor Interface
DM9000EP DAVICOM-DM9000EP Datasheet
46Kb / 2P
   Ethernet Controller with General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com