전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5106 데이터시트(PDF) 11 Page - Cyrustek corporation

부품명 ES5106
상세설명  3 1/2 DIGIT A/D CONVERTER W/LCD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5106 데이터시트(HTML) 11 Page - Cyrustek corporation

Back Button ES5106 Datasheet HTML 7Page - Cyrustek corporation ES5106 Datasheet HTML 8Page - Cyrustek corporation ES5106 Datasheet HTML 9Page - Cyrustek corporation ES5106 Datasheet HTML 10Page - Cyrustek corporation ES5106 Datasheet HTML 11Page - Cyrustek corporation ES5106 Datasheet HTML 12Page - Cyrustek corporation ES5106 Datasheet HTML 13Page - Cyrustek corporation ES5106 Datasheet HTML 14Page - Cyrustek corporation ES5106 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ES5106
3 1/2 DIGIT A/D CONVERTER W/LCD
03/05/14
11
System Timing
The oscillator frequency is divided by four prior to clocking the
internal decade counters. The signal integrate takes a fixed 1000
counts time period which is equal to 4000 clock pulses. The back
plane drive signal is derived by dividing clock frequency by 800. To
make a maximum rejection of line frequency (60Hz or 50Hz) noise
pickup, the signal integrate period should be a multiple of the line
frequency period. For 600Hz noise rejection, oscillator frequencies
of 120KHz, 80KHz, 60KHz, 48KHz, 40KHz, etc. should be selected.
For 50Hz rejection, oscillator frequencies of 100KHz, 50KHz,
40KHz, etc. would be suitable.
For all ranges of frequency Rosc should be 100KΩ, Cosc is
selected from the approximate equation f=0.45/RC. For 48KHz
clock (3readings/second), Cosc=100PF.
Integrating Resistor
The input buffer amplifier and integrator both have class A
output stage with 100μA of quiescent current and can supply
20μA drive currents with negligible linearity errors. The integrating
resistor should be chosen to remain in the output stage linear drive
region. It should be noticed that the integrating resistor should not
be so large such that the leakage currents of printed circuit board
will induce errors. For a 200mV full-scale the recommended
integrating resistor value is 47KΩ and for 2V full-scale is 470KΩ.


유사한 부품 번호 - ES5106

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
   31/2 DIGIT A/D CONVERTER W/LED
logo
Kemet Corporation
ES5107M016AE1EA KEMET-ES5107M016AE1EA Datasheet
92Kb / 2P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108 Datasheet
521Kb / 18P
   ADC with serial output
More results

유사한 설명 - ES5106

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
List of Unclassifed Man...
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
   31/2 DIGIT A/D CONVERTER W/LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com