전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5120AQ 데이터시트(PDF) 2 Page - Cyrustek corporation

부품명 ES5120AQ
상세설명  3 3/4 DIGIT A/D CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5120AQ 데이터시트(HTML) 2 Page - Cyrustek corporation

  ES5120AQ Datasheet HTML 1Page - Cyrustek corporation ES5120AQ Datasheet HTML 2Page - Cyrustek corporation ES5120AQ Datasheet HTML 3Page - Cyrustek corporation ES5120AQ Datasheet HTML 4Page - Cyrustek corporation ES5120AQ Datasheet HTML 5Page - Cyrustek corporation ES5120AQ Datasheet HTML 6Page - Cyrustek corporation ES5120AQ Datasheet HTML 7Page - Cyrustek corporation ES5120AQ Datasheet HTML 8Page - Cyrustek corporation ES5120AQ Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ES5120
3 3/4 DIGIT A/D CONVERTER
Two logic level measurement inputs permit a ES5120-based
meter to function as a logic probe. When combined with external
level shifters, the ES5120 will display logic levels on the LCD
display and also turn on a piezoelectric buzzer when the measured
logic level is low.
Other ES5120 features simplify instrument design and reduce
parts count. On-chip decimal point drivers are included, as is a
low battery detection annunciator. A piezoelectric buzzer can be
controlled with an external switch or by the logic probe inputs.
Two oscillator options are provided : A crystal can be used if
high accuracy frequency measurements are desired, or a simple RC
option can be used for low-end instruments.
A 'peak reading hold' input allows the ES5120 to retain
the highest A-D or frequency reading. This feature is useful in
measuring motor starting current, maximum temperature, and
similar applications.
The ES5120 operates from a single 9V battery, with typical
power of 16mW. Packages include a 40-pin DIP and 44-pin Flat
Package.


유사한 부품 번호 - ES5120AQ

제조업체부품명데이터시트상세설명
logo
ESS Technology,Inc
ES5120AQ ESS-ES5120AQ Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
More results

유사한 설명 - ES5120AQ

제조업체부품명데이터시트상세설명
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
TelCom Semiconductor, I...
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com