전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51926 데이터시트(PDF) 5 Page - Cyrustek corporation

부품명 ES51926
상세설명  3000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51926 데이터시트(HTML) 5 Page - Cyrustek corporation

  ES51926 Datasheet HTML 1Page - Cyrustek corporation ES51926 Datasheet HTML 2Page - Cyrustek corporation ES51926 Datasheet HTML 3Page - Cyrustek corporation ES51926 Datasheet HTML 4Page - Cyrustek corporation ES51926 Datasheet HTML 5Page - Cyrustek corporation ES51926 Datasheet HTML 6Page - Cyrustek corporation ES51926 Datasheet HTML 7Page - Cyrustek corporation ES51926 Datasheet HTML 8Page - Cyrustek corporation ES51926 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Ver 2.7
5
07/10/03
ES51926
3000 Counts Smart DMM
Electrical Characteristics
TA=25℃, V- = -3V
Parameter
Symbol
Test Condition
Min.
Typ.
Max
Units
Power supply
V-
-3.5
-3.0
-2.5
V
I
DD
Normal operation
2.5
mA
Operating supply current
In Scan AC/DC mode
I
SS
In sleep mode
0.6
2.5
µA
Voltage roll-over error
REV 10MΩ input resistor
——
±0.1
%F.S1
Voltage nonlinearity
NLV
Best case straight
line
——
±0.1
%F.S
Input Leakage
-10
1
10
PA
Low battery flag voltage
V- to AGND
-2.4
-2.3
-2.2
V
Zero input reading
10MΩ input resistor
-000
000
+000
counts
Peak to peak backplane
drive voltage
-3.5V
V -2.2V
3.0
3.15
3.3
V
Counter time base period
f
OSC = 4MHZ
1
sec
Reference voltage and open circuit
voltage for 300Ω measurement
V
REF
100KΩ resistor
between VRH and
AGND
-1.33
-1.23
-1.13
V
Open circuit voltage for Ω
measurement (except 300Ω)
Ω
and Continuity
Mode
-0.86
-0.78
-0.70
V
Internal pull-high to 0V
current
Between V- pin and
HOLD, RANGE,
SEL,FC1-3,FUA,
FA, VON, AON,
CLAMP, BKLIT,
MAXMIN
1.2
µA
±1%
40-400
AC frequency response at 6.000V
Range
±5%
400-2000
HZ
AC input response for scan mode
10
50000
Hz
AC/DC voltage scan mode
sensitivity@1kHz
VR1(10MΩ input
impedance)
300
400
500
mV
AC/DC current scan mode
sensitivity@1kHz
ADP, IVSL and IVSH
810
12
mV
RDC scan mode RES sensitivity
Parasitic capacitance
allowed in 3.000MΩ
range
——
200
pF
RDC scan mode DIODE sensitivity
Forward voltage
0.8
V
RDC scan mode CAP sensitivity
400
——
pF
Reference voltage temperature
coefficient
TC
RF
100KΩ
resister
Between
VRH
0℃<TA<70℃
50
ppm/℃
-1.5
1.5
%F.S
3nF – 3.0µF
-5
5
counts
-2.0
2.0
%F.S
Capacitance measurement
accuracy
30µF ~ 30mF
-5
5
counts
Note
:
1.Full Scale


유사한 부품 번호 - ES51926

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51926 CYRUSTEK-ES51926 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926_10 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
More results

유사한 설명 - ES51926

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926_10 Datasheet
412Kb / 22P
   3000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com