전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51960 데이터시트(PDF) 8 Page - Cyrustek corporation

부품명 ES51960
상세설명  3 3/4 Auto DMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51960 데이터시트(HTML) 8 Page - Cyrustek corporation

Back Button ES51960 Datasheet HTML 4Page - Cyrustek corporation ES51960 Datasheet HTML 5Page - Cyrustek corporation ES51960 Datasheet HTML 6Page - Cyrustek corporation ES51960 Datasheet HTML 7Page - Cyrustek corporation ES51960 Datasheet HTML 8Page - Cyrustek corporation ES51960 Datasheet HTML 9Page - Cyrustek corporation ES51960 Datasheet HTML 10Page - Cyrustek corporation ES51960 Datasheet HTML 11Page - Cyrustek corporation ES51960 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
92年8月4日
ES51960
3 3/4 Auto DMM
Continuity Check
The continuity check is the same as the 399.9Ω range of the resistance
measurement mode (manual mode). If the bargraph number <=3 , there will
2.0 KHz signal comes out from BUZOUT pin, if the bargraph number >=4,
there will be no beep exist.
Diode Measurement
Use the DCV 3.999V range of voltage measurement mode (manual mode ).
If the test circuit is open or the device (diode) under test is larger than 2V,
the LCD display will show "OL", but the bargraph will show the real
detected voltage.
Frequency Counter
The timebase of ES51960 is derived by a clock oscillator.
The timebase of counter is :
4,000,000
T
counter =
F
osc
Thus , the counter will operate with a 1 second timebase when a
4MHz oscillator is used. For accurate frequency measurement,a
crystal oscillator is recommended. The frequency counter can
automatically or manually select the proper range. Autorange
operation extends over six decades from 1 Hz to 399.9MHz.
Range
Full Scale
FR1
FR2
FR3
FR4
FR5
FR6
3.999 KHZ
39.99 KHZ
399.9 KHZ
3.999 MHZ
39.99 MHZ
399.9 MHZ


유사한 부품 번호 - ES51960

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51962Q ETC-ES51962Q Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
More results

유사한 설명 - ES51960

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com