전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51964 데이터시트(PDF) 4 Page - Cyrustek corporation

부품명 ES51964
상세설명  Dual Display
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51964 데이터시트(HTML) 4 Page - Cyrustek corporation

  ES51964 Datasheet HTML 1Page - Cyrustek corporation ES51964 Datasheet HTML 2Page - Cyrustek corporation ES51964 Datasheet HTML 3Page - Cyrustek corporation ES51964 Datasheet HTML 4Page - Cyrustek corporation ES51964 Datasheet HTML 5Page - Cyrustek corporation ES51964 Datasheet HTML 6Page - Cyrustek corporation ES51964 Datasheet HTML 7Page - Cyrustek corporation ES51964 Datasheet HTML 8Page - Cyrustek corporation ES51964 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
v2.5
09/04/14
4
ES51964(6600counts)
Dual Display
50
LPFC2
O
Capacitor C2 connection for internal low-pass filter
51
LPFC3
O
Capacitor C3 connection for internal low-pass filter
52
LPFOUT
O
Capacitor C1 connection for internal low-pass filter
53
SLEEP
O
Sleep mode indicator, asserts low in SLEEP mode.
54
VBAR
I
In temperature mode, it is used to control decimal point.
In µA or mA modes, it is used to control the ‘µ’ or ‘m’ sign.
55
BUZIN
I
Pull to V- to enable the BUZOUT.
56
FREQ
I
Frequency counter input, offset V-/2 internally by the chip.
59 - 92 SEG34 – SEG01
O
LCD segment line 01 – 34
93
BP4
O
LCD backplane 4
94
BP3
O
LCD backplane 3
95
BP2
O
LCD backplane 2
96
BP1
O
LCD backplane 1
97
ANNUNC
O
Square wave output at the backplane frequency, synchronized to BP1.
ANNUNC can be used to control display annunciator. Connect a
LCD segment to ANNUNC to turn it on; connect an LCD segment to
its backplane to turn it off.
98
LCDCAP
I
LCD bias voltage bypass capacitor
99
HOLD
I
Pulse to V- to enable HOLD function.
100
RANGE
I
Pulse to V- to enable manual mode and manual range selection.
101
REL_ZERO
I
Pulse to V- to enable Relative function or Zero function.
102
KEY
I
Pulse to V- to change mode. In ADP mode, if this pin is connected to
V-, the buzzer output will be off when the ADP input overflows.
103
MAX/MIN
I
Pulse to V- to enable MAX/MIN function.
104
NC
-
105
BKLIT
I
Back light function. Pulse low to set BKOUT pin output.
106
RS232
I
Assert low to enable serial data output.
107
BUZOUT
O
Outputs a 2KHz audio frequency signal for driving piezoelectric
buzzer when BUZIN is low.
108
BKOUT
O
If BKLIT function is enabled, this pin will change from V- to V+
For 60 sec, once press BKLIT pin again within 60 sec, this pin will
Change back to V-.
109
OSC2
O
Crystal oscillator output connection
110
OSC1
I
Crystal oscillator input connection
111
SHIFT
I
Pull to V- to enable display-shift feature on duty cycle mode
112
APOSEL
I
Idle time selection for auto power off feature.
113
VST
I
Pull to V- to enable the auto range voltage mode to start from 660.0V
114
LPFOFF
I
Pull to V- to disable the internal Low pass filter in measurement
115
CESEL
I
CE selection feature control pin.
116
FC5
I
Switch 5 for function selection.
117
FC4
I
Switch 4 for function selection.
118
FC3
I
Switch 3 for function selection.
119
FC2
I
Switch 2 for function selection.
120
FC1
I
Switch 1 for function selection.
121
SLACDC
I
Select initial state.
122
SDO
O
Serial data output
123
C+
O
Positive capacitor connection for on-chip DC-DC converter.
124
C-
O
Negative capacitor connection for on-chip DC-DC converter.
125
LBAT9
I
Low battery configuration input. If battery is used, the low battery
segment is displayed when the voltage of this pin is less than VRH
(-1.23V)
126
V-
P
Negative supply voltage.
127
V-
P
Negative supply voltage.
128
V+
O
Output of on-chip DC-DC converter.


유사한 부품 번호 - ES51964

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
More results

유사한 설명 - ES51964

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
logo
List of Unclassifed Man...
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
C-562X ETC-C-562X Datasheet
111Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com