전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51988 데이터시트(PDF) 5 Page - Cyrustek corporation

부품명 ES51988
상세설명  3 3/4 AUTO REL/MAX/MIN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51988 데이터시트(HTML) 5 Page - Cyrustek corporation

  ES51988 Datasheet HTML 1Page - Cyrustek corporation ES51988 Datasheet HTML 2Page - Cyrustek corporation ES51988 Datasheet HTML 3Page - Cyrustek corporation ES51988 Datasheet HTML 4Page - Cyrustek corporation ES51988 Datasheet HTML 5Page - Cyrustek corporation ES51988 Datasheet HTML 6Page - Cyrustek corporation ES51988 Datasheet HTML 7Page - Cyrustek corporation ES51988 Datasheet HTML 8Page - Cyrustek corporation ES51988 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
92年8月4日
ES51988
3 3/4 AUTO REL/MAX/MIN
Pin. No Symbol.
Description.
73
NC
74
BUZOUT
Buzzer output. Audio frequency (2.0KHz) output which drives a
piezoelectric buzzer.
75
NC
76
NC
77
NC
78
NC
79
OSC1
Crystal oscillator (input) connection.
80
OSC2
Crystal oscillator (output) connection.
81
NC
82
KEY
Mode change pin.
83
REL
Input to get relative display. Pulse low to make this function active.
84
MAX/MIN Input to set MAX/MIN display. Pulse low to make this function active.
85
HOLD
Input to hold display. Pulse low to make this function active.
86
RANGE
Input to set automatic/manual mode and manual range selection. Pulse
low to make this function active.
87
FC5
Switch 5 for function selection.
88
FC4
Switch 4 for function selection.
89
FC3
Switch 3 for function selection.
90
FC2
Switch 2 for function selection.
91
FC1
Switch 1 for function selection.
92
LBAT9
Low battery voltage setting. If used 3V battery, connected this pin to
AGND, the default low battery voltage will be –2.3V. If used 9V
battery, when the input voltage is small than VRH(-1.2V), the low
battery annunciator will be display.
93
SDO
Serial data output.
94
C+
Positive capacitor connection for on-chip DC-DC converter.
95
C-
Negative capacitor connection for on-chip DC-DC converter.
96
V-
Negative supply voltage.Connecting to battery negative terminal.
97
V-
Negative supply voltage.Connecting to battery negative terminal.
98
DGND
Digital ground,connected to battery positive terminal.
99
AGND
Analog ground.
100
AGND
Analog ground.


유사한 부품 번호 - ES51988

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES51988 ETC-ES51988 Datasheet
254Kb / 22P
   3 3/4 AUTO REL/MAX/MIN
More results

유사한 설명 - ES51988

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES51988 ETC-ES51988 Datasheet
254Kb / 22P
   3 3/4 AUTO REL/MAX/MIN
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com