전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS256MUFM-H 데이터시트(PDF) 1 Page - Transcend Information. Inc.

부품명 TS256MUFM-H
상세설명  128MB~8GB USB Flash Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MUFM-H 데이터시트(HTML) 1 Page - Transcend Information. Inc.

  TS256MUFM-H Datasheet HTML 1Page - Transcend Information. Inc. TS256MUFM-H Datasheet HTML 2Page - Transcend Information. Inc. TS256MUFM-H Datasheet HTML 3Page - Transcend Information. Inc. TS256MUFM-H Datasheet HTML 4Page - Transcend Information. Inc. TS256MUFM-H Datasheet HTML 5Page - Transcend Information. Inc. TS256MUFM-H Datasheet HTML 6Page - Transcend Information. Inc. TS256MUFM-H Datasheet HTML 7Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
1
12
2
28
8
8M
M
MB
B
B~
~
~8
8
8G
G
GB
B
B U
U
US
S
SB
B
B F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
orrriiiz
zzo
o
on
n
nttta
a
alll)))
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~8
8
8G
G
GU
U
UF
F
FM
M
M---H
H
H
Transcend Information Inc.
V1.2
1
Description
Description
Description
Description
Compatible with Hi-Speed USB 2.0, consume less
power and feature a write protection switch, Transcend
Industrial USB Flash Modules provide the perfect
solution for reliable high capacity memory storage in
specialized industrial machines.
Placem
Placem
Placem
Placement
ent
ent
ent
Dimensions
Dimensions
Dimensions
Dimensions
Side
Millimeters
Inches
A
37.80 ± 1.00
1.49 ± 0.04
B
26.65 ± 1.00
1.05 ± 0.04
C
9.70 ± 1.00
0.38 ± 0.04
* Please refer to Mechanical Drawing
Features
Features
Features
Features
• RoHS compliant products
• Hi-Speed USB 2.0 compliant; backward compatible with
USB 1.1
• True Plug and Play functionality
• Fully compatible with devices and Operating Systems (OS)
that support the USB standard
• Integrated 80C51 compatible 8-bit microprocessor with
enhanced feature
• Leading 0.16um CMOS technology, 1.8 Volt low power core
operation
• Operates on a single power supply (Vdd = 5.0V)
• Lower Power Consumption
• Support single / dual channel for Flash memory with
enhanced performance
• Fully compliant with open industry standards
• LED indicates the access status of USB Flash Module
• Write protection switch
System Requirement
System Requirement
System Requirement
System Requirement
• Hardware: An available 10-pin male USB port (pitch =
2.54mm for Normal Type; pitch = 2.0mm for Low profile
Type) from Host side.
• Operating System: Windows
® 98SE, Windows® Me,
Windows
® 2000, Windows® XP, Mac OS 9.x and above,
Linux™ Kernel 2.4 and above
LED Status
Mode
Potential
LED
Idle
VCC
OFF
Read/Write
VCC/GND
GLITTER


유사한 부품 번호 - TS256MUFM-H

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS256MUFM-H TRANSCEND-TS256MUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
More results

유사한 설명 - TS256MUFM-H

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS128MUFM-H TRANSCEND-TS128MUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
logo
Hynix Semiconductor
HY27UG088G5B HYNIX-HY27UG088G5B Datasheet
380Kb / 53P
   8Gb NAND FLASH
logo
Samsung semiconductor
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
K8P2815UQC SAMSUNG-K8P2815UQC Datasheet
1Mb / 62P
   128Mb C-die NOR FLASH
K8A2815ETE SAMSUNG-K8A2815ETE Datasheet
984Kb / 51P
   128Mb E-die NOR FLASH
K8P2716UZC SAMSUNG-K8P2716UZC Datasheet
1Mb / 56P
   128Mb C-die Page NOR Flash
logo
White Electronic Design...
WED7PXXXATA70XXI25 WEDC-WED7PXXXATA70XXI25 Datasheet
268Kb / 15P
   128MB to 1GB Industrial ATA Flash
logo
Hanbit Electronics Co.,...
HFDOM44S6RXXX HANBIT-HFDOM44S6RXXX Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com