전자부품 데이터시트 검색엔진 |
|
TS250GSJ25F 데이터시트(PDF) 1 Page - Transcend Information. Inc. |
|
TS250GSJ25F 데이터시트(HTML) 1 Page - Transcend Information. Inc. |
1 / 2 page S S Sttto o orrre e eJ J Je e ettt ® ® ® 2 2 25 5 5F F F External HDD Transcend Information Inc. 1 Description This device is designed to expedite exchanging huge amounts of data between Transcend StoreJet ® and any desktop or notebook computer. System Requirements • Desktop or notebook computers with USB port • One of following operating systems: Windows ® 2000/XP/Vista/7, Mac OS 9.0 or above Linux Kernel 2.4.2 or above Placement Features Designer gloss diamond pattern accented by a lustrous metallic finish Sleek compact shape with asymmetrical rounded edges for comfort and portability Anti-slip rubber feet provide a stable base for resting on a table or computer case Protective soft travel pouch High-speed USB 2.0 compliant and backwards compatible with USB 1.1 Easy Plug and Play operation – no drivers required High capacity hard drive for storing, carrying, and backing-up files C Completely USB powered. No external power supply or battery needed B High-Speed data transfer rates up to 480Mbits per second Includes StoreJet ® elite data-management software LED power and data transfer activity indicator Dimensions A Side Millimeters Inches A 113.78 ± 1.00 4.480 ± 0.04 B 80.93 ± 1.00 3.186 ± 0.04 C 15.00 ± 1.00 0.591 ± 0.04 Ordering Information Transcend P/N Capacity TS250GSJ25F 250GB TS320GSJ25F 320GB TS500GSJ25F 500GB |
유사한 부품 번호 - TS250GSJ25F |
|
유사한 설명 - TS250GSJ25F |