전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2GJFT5T 데이터시트(PDF) 2 Page - Transcend Information. Inc.

부품명 TS2GJFT5T
상세설명  2GB USB2.0 JetFlash?줥5T
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GJFT5T 데이터시트(HTML) 2 Page - Transcend Information. Inc.

  TS2GJFT5T Datasheet HTML 1Page - Transcend Information. Inc. TS2GJFT5T Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S2
2
2G
G
GJ
J
JF
F
FT
T
T5
5
5T
T
T
2GB USB2.0 JetFlash™T5T
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
2GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 20MB/sec (max.), Write: 6MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


유사한 부품 번호 - TS2GJFT5T

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS2GJFT3 TRANSCEND-TS2GJFT3 Datasheet
56Kb / 2P
   2GB USB2.0 JetFlash?줥3
More results

유사한 설명 - TS2GJFT5T

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS2GJF150 TRANSCEND-TS2GJF150 Datasheet
76Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF160 TRANSCEND-TS2GJF160 Datasheet
59Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF185 TRANSCEND-TS2GJF185 Datasheet
54Kb / 3P
   2GB USB2.0 JetFlash?
TS2GJF130 TRANSCEND-TS2GJF130 Datasheet
62Kb / 3P
   2GB USB2.0 JetFlash?
logo
List of Unclassifed Man...
TS2GJFV90C ETC2-TS2GJFV90C Datasheet
123Kb / 3P
   2GB USB2.0 JETFLASH
logo
Transcend Information. ...
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS2GJFV35 TRANSCEND-TS2GJFV35 Datasheet
67Kb / 2P
   2GB USB2.0 JetFlash?줧35
TS2GJFV90C TRANSCEND-TS2GJFV90C Datasheet
45Kb / 2P
   2GB USB2.0 JetFlash?줧90C
TS2GJFV90P TRANSCEND-TS2GJFV90P Datasheet
44Kb / 2P
   2GB USB2.0 JetFlash?줧90P
TS2GJFV20 TRANSCEND-TS2GJFV20 Datasheet
47Kb / 2P
   2GB USB2.0 JetFlash?줧20
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com