전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2GSD133 데이터시트(PDF) 4 Page - Transcend Information. Inc.

부품명 TS2GSD133
상세설명  Secure Digital Card
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GSD133 데이터시트(HTML) 4 Page - Transcend Information. Inc.

  TS2GSD133 Datasheet HTML 1Page - Transcend Information. Inc. TS2GSD133 Datasheet HTML 2Page - Transcend Information. Inc. TS2GSD133 Datasheet HTML 3Page - Transcend Information. Inc. TS2GSD133 Datasheet HTML 4Page - Transcend Information. Inc. TS2GSD133 Datasheet HTML 5Page - Transcend Information. Inc. TS2GSD133 Datasheet HTML 6Page - Transcend Information. Inc. TS2GSD133 Datasheet HTML 7Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SD
D
D1
1
13
3
33
3
3
Secure Digital Card
Transcend Information Inc.
4
Bus Signal Levels
As the bus can be supplied with a variable supply voltage, all signal levels are related to the supply voltage.
To meet the requirements of the JEDEC specification JESD8-1A, the card input and output voltages shall be within the
following specified ranges for any VDD of the allowed voltage range:
Parameter
Symbol
Min.
Max.
Unit
Remark
Output HIGH voltage
VOH
0.75* VDD
V
IOH = -100 μA @VDD min
Output LOW voltage
VOL
0.125* VDD
V
IOL = -100 μA @VDD min
Input HIGH voltage
VIH
0.625* VDD
VDD + 0.3
V
Input LOW voltage
VIL
VSS – 0.3
0.25* VDD
V


유사한 부품 번호 - TS2GSD133

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
   2GB 150x Secure Digital Card
More results

유사한 설명 - TS2GSD133

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
   SECURE DIGITAL CARD CONNECTOR
logo
Adam Technologies, Inc.
SD-09-A-SG ADAM-TECH-SD-09-A-SG Datasheet
127Kb / 1P
   SECURE DIGITAL
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
   2GB 150x Secure Digital Card
logo
AVX Corporation
5638 AVX-5638 Datasheet
172Kb / 4P
   Secure Digital Memory Card Connectors
logo
Transcend Information. ...
TS1GSD80I TRANSCEND-TS1GSD80I Datasheet
265Kb / 11P
   80x Industrial Secure Digital Card
logo
Adam Technologies, Inc.
SDP-09E-SG-A ADAM-TECH-SDP-09E-SG-A Datasheet
128Kb / 1P
   SECURE DIGITAL SOCKET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com