전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS16GJFV30 데이터시트(PDF) 2 Page - Transcend Information. Inc.

부품명 TS16GJFV30
상세설명  16GB USB2.0 JetFlash?줧30
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS16GJFV30 데이터시트(HTML) 2 Page - Transcend Information. Inc.

  TS16GJFV30 Datasheet HTML 1Page - Transcend Information. Inc. TS16GJFV30 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S1
1
16
6
6G
G
GJ
J
JF
F
FV
V
V3
3
30
0
0
16GB USB2.0 JetFlash™V30
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
16GB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 20MB/sec (max.), Write: 8MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI, C-tick, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1GB = 1 billion bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


유사한 부품 번호 - TS16GJFV30

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
More results

유사한 설명 - TS16GJFV30

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS8GJFV30 TRANSCEND-TS8GJFV30 Datasheet
53Kb / 2P
   8GB USB2.0 JetFlash?줧30
TS512MJFV30 TRANSCEND-TS512MJFV30 Datasheet
59Kb / 2P
   512MB USB2.0 JetFlash?줧30
TS1GJFV30 TRANSCEND-TS1GJFV30 Datasheet
60Kb / 2P
   1GB USB2.0 JetFlash?줧30
TS4GJFV30 TRANSCEND-TS4GJFV30 Datasheet
59Kb / 2P
   4GB USB2.0 JetFlash?줧30
TS16GJFV33 TRANSCEND-TS16GJFV33 Datasheet
50Kb / 2P
   16GB USB2.0 JetFlash?줧33
TS16GJFV60 TRANSCEND-TS16GJFV60 Datasheet
57Kb / 2P
   16GB USB2.0 JetFlash?줧60
TS16GJFV70 TRANSCEND-TS16GJFV70 Datasheet
53Kb / 2P
   16GB USB2.0 JetFlash?줧70
TS16GJFV85 TRANSCEND-TS16GJFV85 Datasheet
47Kb / 2P
   16GB USB2.0 JetFlash?줧85
TS16GJF220 TRANSCEND-TS16GJF220 Datasheet
58Kb / 2P
   16GB USB2.0 JetFlash??20
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com