전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DL-5330S-C430-HLS 데이터시트(PDF) 2 Page - Optoway Technology Inc

부품명 DL-5330S-C430-HLS
상세설명  1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTOWAY [Optoway Technology Inc]
홈페이지  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

DL-5330S-C430-HLS 데이터시트(HTML) 2 Page - Optoway Technology Inc

  DL-5330S-C430-HLS Datasheet HTML 1Page - Optoway Technology Inc DL-5330S-C430-HLS Datasheet HTML 2Page - Optoway Technology Inc DL-5330S-C430-HLS Datasheet HTML 3Page - Optoway Technology Inc DL-5330S-C430-HLS Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Optoway
DL-5300-CXX0
********************************************************************************************************************************************************
********************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
e-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/15/2009 V3.0
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Flangeless
Vertical Flange
Connector
H
H
Horizontal Flange
H
Note: Specifications subject to change without notice.
P/N
H
DL-532XX-CXX0-XXS
DL-533XX-CXX0-XXS
9
DL-534XX-CXX0-XXS
10.9


유사한 부품 번호 - DL-5330S-C430-HLS

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
DL-5330S-C270-HF OPTOWAY-DL-5330S-C270-HF Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5330S-C270-HF OPTOWAY-DL-5330S-C270-HF Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5330S-C270-HFS OPTOWAY-DL-5330S-C270-HFS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5330S-C270-HFS OPTOWAY-DL-5330S-C270-HFS Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5330S-C270-HL OPTOWAY-DL-5330S-C270-HL Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
More results

유사한 설명 - DL-5330S-C430-HLS

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
DL-5300-CXX0 OPTOWAY-DL-5300-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5340-CXX0 OPTOWAY-DL-5340-CXX0 Datasheet
95Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL
DL-5300S-CXX0 OPTOWAY-DL-5300S-CXX0 Datasheet
92Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5340S-CXX0 OPTOWAY-DL-5340S-CXX0 Datasheet
93Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD PIGTAIL
DL-5540S-CXX0 OPTOWAY-DL-5540S-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500S-CXX0 OPTOWAY-DL-5500S-CXX0 Datasheet
112Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 2.5 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5540-CXX0 OPTOWAY-DL-5540-CXX0 Datasheet
117Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0 Datasheet
111Kb / 2P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5500-CXX0 OPTOWAY-DL-5500-CXX0_09 Datasheet
93Kb / 5P
   1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
DL-5100-CXX0 OPTOWAY-DL-5100-CXX0 Datasheet
110Kb / 2P
   1270 nm ~ 1610 nm DFB LASER DIODES CWDM MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com