전자부품 데이터시트 검색엔진 |
|
TS512MDOM44H-S 데이터시트(PDF) 2 Page - Transcend Information. Inc. |
|
TS512MDOM44H-S 데이터시트(HTML) 2 Page - Transcend Information. Inc. |
2 / 34 page T T Tr rra a an n ns s sc c ce e en n nd d d 4 4 44 4 4---P P Piiin n n IIID D DE E E F F Fllla a as s sh h h M M Mo o od d du u ullle e e (((H H Ho o or rriiiz zzo o on n nttta a alll))) T T TS S S1 1 12 2 28 8 8M M M ~ ~ ~ 4 4 4G G GD D DO O OM M M4 4 44 4 4H H H---S S S Transcend Information Inc. Ver 1.0 2 Pin Assignments Pin No. Pin Name Pin No. Pin Name Pin No Pin Name Pin No. Pin Name 01 -RESET 12 HD12 23 IOWB 34 PDIAGB 02 GND 13 HD2 24 GND 35 HA0 03 HD7 14 HD13 25 IORB 36 HA2 04 HD8 15 HD1 26 GND 37 CE1B 05 HD6 16 HD14 27 IORDY 38 CE2B 06 HD9 17 HD0 28 NC 39 DASPB 07 HD5 18 HD15 29 -DMAC K 40 GND 08 HD10 19 GND 30 GND 41 VCC 09 HD4 20 NC 31 IREQ 42 VCC 10 HD11 21 DMARQ 32 IOIS16B 43 GND 11 HD3 22 GND 33 HA1 44 GND Pin Layout Pin Definition Symbol Function HD0 ~ HD15 Data Bus (Bi-directional) HA0 ~ HA2 Address Bus (Input) -RESET Device Reset (Input) IORB Device I/O Read (Input) IOWB Device I/O Write (Input) IOIS16B Transfer Type 8/16 bit (Output) CE1B, CE2B Chip Select (Input) PDIAGB Pass Diagnostic (Bi-directional) DASPB Disk Active/Slave Present (Bi-directional) DMARQ DMA request DMACK- DMA acknowledge IREQ Interrupt Request (Output) NC No Connection GND Ground VCC Vcc Power Input Pin1 Pin43 Pin2 Pin44 Bulge |
유사한 부품 번호 - TS512MDOM44H-S |
|
유사한 설명 - TS512MDOM44H-S |