전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4GMP330 데이터시트(PDF) 3 Page - Transcend Information. Inc.

부품명 TS4GMP330
상세설명  Built-in USB connector And Line-in Recording
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GMP330 데이터시트(HTML) 3 Page - Transcend Information. Inc.

  TS4GMP330 Datasheet HTML 1Page - Transcend Information. Inc. TS4GMP330 Datasheet HTML 2Page - Transcend Information. Inc. TS4GMP330 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Screen Type
128 × 32 Pixel, White Monochrome OLED Display
Capacity
2GB(White), 4GB(Black) or 8GB(White)
Dimensions (LxWxH)
83mm × 25.5mm × 11.5mm
Weight
25g
Music Formats
MP3, WMA, WMA-DRM10, FLAC and WAV
Recording Format
IMA_ADPCM (WAV)
Playback Time (est.)
12 hours *
Compression Rates
32Kbps to 320Kbps
Data Retention
Up to 10 years
Erase Cycles
≥ 100,000 times
S/N Ratio
≥90dB
Supported Operating Systems
(File transfer)
Windows® 7 / Vista / XP / 2000
Mac® OS 10.0 or later, Linux® kernel 2.4 or later
Supported Operating Systems
(Video Converter)
Windows® 7 / Vista / XP / 2000
Certificates
CE, FCC, BSMI, C-tick
* Max. playback time achieved with screen saver set to “10-Sec/Blank” and “Lyrics
Sync” disabled.


유사한 부품 번호 - TS4GMP330

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS4GMP630 TRANSCEND-TS4GMP630 Datasheet
67Kb / 4P
   1GB/2GB/4GB USB Flash Drive
TS4GMP650 TRANSCEND-TS4GMP650 Datasheet
172Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS4GMP820 TRANSCEND-TS4GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS4GMP840 TRANSCEND-TS4GMP840 Datasheet
116Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
More results

유사한 설명 - TS4GMP330

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
MS87V1021 OKI-MS87V1021 Datasheet
458Kb / 63P
   Recording and Playback IC with Built-in 2-Mbit DRAM
ML2302 OKI-ML2302 Datasheet
199Kb / 24P
   Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
logo
Rohm
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
   Recording amplifier with built-in ALC for headphone stereos
logo
Advantech Co., Ltd.
BB-USO9ML4 ADVANTECH-BB-USO9ML4 Datasheet
257Kb / 2P
   In-line USB Converters
logo
Tripp Lite. All Rights ...
U338-06N TRIPPLITE-U338-06N Datasheet
179Kb / 4P
   USB 3.0 SuperSpeed to SATA/IDE Adapter with Built-In USB Cable, 2.5 in., 3.5 in. and 5.25 in. Hard Drives
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
   Built-in AC Line CC Compensation
logo
List of Unclassifed Man...
OMNI500ISO ETC2-OMNI500ISO Datasheet
499Kb / 6P
   OmniSmart 500VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNI1000ISO ETC2-OMNI1000ISO Datasheet
502Kb / 6P
   OmniSmart 1000VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
OMNI750ISO ETC2-OMNI750ISO Datasheet
501Kb / 6P
   OmniSmart 750VA Tower Line-Interactive 120V UPS with built-in Isolation Transformer and USB port
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com