전자부품 데이터시트 검색엔진 |
|
TS4GUSDHC6-P3 데이터시트(PDF) 1 Page - Transcend Information. Inc. |
|
TS4GUSDHC6-P3 데이터시트(HTML) 1 Page - Transcend Information. Inc. |
1 / 28 page T T TS S S4 4 4///8 8 8G G GU U US S SD D DH H HC C C6 6 6---P P P3 3 3 4/8GB microSDHC Class 6 Card + Reader P3 Transcend Information Inc. 1 Description Transcend High Capacity microSD Card series are specifically designed to meet the High Capacity, High Definition Audio and Video requirement for the latest Digital Cameras, DV Recorders, Mobile Phones, etc. The new defined Speed Class enables the host to support AV applications to perform real time recording to the microSD memory card. Placement Front Back Features • RoHS compliant product. • Operating Voltage: 2.7 ~ 3.6V • Operating Temperature: -25 ~ 85°C • Durability: 10,000 insertion/removal cycles • Compatible with SD Specification Ver. 2.0 • Comply with SD File System Specification Ver. 2.0 • Mechanical Write Protection Switch with microSD adapter • Supports Speed Class Specification Class 6 • Supports Copy Protection for Recorded Media (CPRM) for SD-Audio • Seamless compatibility with SDMI-compliant digital audio devices • Form Factor: 11mm x 15mm x 1mm Pin Definition SD Mode SPI Mode Pin No. Name Type Description Name Type Description 1 DAT2 I/O/PP Data Line [Bit2] RSV Reserved 2 CD/DAT3 I/O/PP Card Detect / Data Line [Bit3] CS I Chip Select 3 CMD PP Command / Response DI I Data In 4 VDD S Supply voltage VDD S Supply voltage 5 CLK I Clock SCLK I Clock 6 VSS S Supply voltage ground VSS S Supply voltage ground 7 DAT0 I/O/PP Data Line [Bit0] DO O/PP Data out 8 DAT1 I/O/PP Data Line [Bit1] RSV Reserved S: Power Supply; I:Input; O:Output; PP:Push-Pull 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 1 2 3 4 5 6 7 8 7 8 7 8 7 8 |
유사한 부품 번호 - TS4GUSDHC6-P3 |
|
유사한 설명 - TS4GUSDHC6-P3 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |