전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS8GUSDHC6-P3 데이터시트(PDF) 1 Page - Transcend Information. Inc.

부품명 TS8GUSDHC6-P3
상세설명  4/8GB microSDHC Class 6 Card Reader P3
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS8GUSDHC6-P3 데이터시트(HTML) 1 Page - Transcend Information. Inc.

  TS8GUSDHC6-P3 Datasheet HTML 1Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 2Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 3Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 4Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 5Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 6Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 7Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 8Page - Transcend Information. Inc. TS8GUSDHC6-P3 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
T
T
TS
S
S4
4
4///8
8
8G
G
GU
U
US
S
SD
D
DH
H
HC
C
C6
6
6---P
P
P3
3
3
4/8GB microSDHC Class 6 Card + Reader P3
Transcend Information Inc.
1
Description
Transcend High Capacity microSD Card series are
specifically designed to meet the High Capacity, High
Definition Audio and Video requirement for the latest
Digital Cameras, DV Recorders, Mobile Phones, etc.
The new defined Speed Class enables the host to
support AV applications to perform real time
recording to the microSD memory card.
Placement
Front
Back
Features
RoHS compliant product.
• Operating Voltage: 2.7 ~ 3.6V
• Operating Temperature: -25 ~ 85°C
• Durability: 10,000 insertion/removal cycles
• Compatible with SD Specification Ver. 2.0
• Comply with SD File System Specification Ver. 2.0
• Mechanical Write Protection Switch with microSD adapter
• Supports Speed Class Specification Class 6
• Supports Copy Protection for Recorded Media (CPRM) for
SD-Audio
• Seamless compatibility with SDMI-compliant digital audio
devices
• Form Factor: 11mm x 15mm x 1mm
Pin Definition
SD Mode
SPI Mode
Pin No.
Name
Type
Description
Name
Type
Description
1
DAT2
I/O/PP
Data Line [Bit2]
RSV
Reserved
2
CD/DAT3
I/O/PP
Card Detect / Data Line [Bit3]
CS
I
Chip Select
3
CMD
PP
Command / Response
DI
I
Data In
4
VDD
S
Supply voltage
VDD
S
Supply voltage
5
CLK
I
Clock
SCLK
I
Clock
6
VSS
S
Supply voltage ground
VSS
S
Supply voltage ground
7
DAT0
I/O/PP
Data Line [Bit0]
DO
O/PP
Data out
8
DAT1
I/O/PP
Data Line [Bit1]
RSV
Reserved
S: Power Supply; I:Input; O:Output; PP:Push-Pull
1 2 3 4 5 6
1 2 3 4 5 6
1 2 3 4 5 6
1 2 3 4 5 6 7 8
7 8
7 8
7 8


유사한 부품 번호 - TS8GUSDHC6-P3

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS8GUFM-H TRANSCEND-TS8GUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
TS8GUFM-H TRANSCEND-TS8GUFM-H Datasheet
379Kb / 7P
   128MB~8GB USB Flash Module
More results

유사한 설명 - TS8GUSDHC6-P3

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS2GUSD-P3 TRANSCEND-TS2GUSD-P3 Datasheet
1Mb / 27P
   2GB microSD Card Reader P3
logo
List of Unclassifed Man...
SDSQUAR-016G-GN6MA ETC1-SDSQUAR-016G-GN6MA Datasheet
205Kb / 1P
   16GB SANDISK ULTRA microSDHC CLASS 10 MEMORY CARD
AF128UDI ETC1-AF128UDI Datasheet
359Kb / 14P
   ATP Industrial Grade microSD/microSDHC Card Specification
logo
Panasonic Semiconductor
RP-SMTTXXDA1 PANASONIC-RP-SMTTXXDA1 Datasheet
152Kb / 2P
   microSDHC/microSDXC Memory Card, Consumer Plus MLC Model
logo
AAEON Technology
BP-204SP-P3 AAEON-BP-204SP-P3 Datasheet
44Kb / 1P
   BP-204SP-P3
logo
Infineon Technologies A...
BSO080P03NS3G INFINEON-BSO080P03NS3G Datasheet
658Kb / 9P
   OptiMOSTM3 P3-Power-Transistor
Rev.2.2 2010-05-06
BSZ180P03NS3G INFINEON-BSZ180P03NS3G Datasheet
638Kb / 9P
   OptiMOSTM P3 Power-Transistor
Rev.2.1 2009-11-16
logo
FCI connector
7111S2015X0X FCI-CONNECTOR-7111S2015X0X Datasheet
214Kb / 2P
   SIM CARD READER
logo
Yamaichi Electronics Co...
FMS006-3000-1 YAMAICHI-FMS006-3000-1 Datasheet
135Kb / 2P
   SIM Card Reader
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com