전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK416-120-E 데이터시트(PDF) 10 Page - Sanyo Semicon Device

부품명 STK416-120-E
상세설명  Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK416-120-E 데이터시트(HTML) 10 Page - Sanyo Semicon Device

Back Button STK416-120-E Datasheet HTML 4Page - Sanyo Semicon Device STK416-120-E Datasheet HTML 5Page - Sanyo Semicon Device STK416-120-E Datasheet HTML 6Page - Sanyo Semicon Device STK416-120-E Datasheet HTML 7Page - Sanyo Semicon Device STK416-120-E Datasheet HTML 8Page - Sanyo Semicon Device STK416-120-E Datasheet HTML 9Page - Sanyo Semicon Device STK416-120-E Datasheet HTML 10Page - Sanyo Semicon Device STK416-120-E Datasheet HTML 11Page - Sanyo Semicon Device STK416-120-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
STK416-090-E
No. A1621-10/12
STK416-100-E Series Stand-by Control & Mute Control Application
STK416-100-E Series Application explanation
+5V
+5V
Stand-by
Control
Mute Control
ST-BY
PLAY
ST-BY
MUTE
MUTE
Mute Control
H: Single Mute
L: Normal
470pF
2.2k
Ω
2.7k
Ω
Stand-by Control (ex)
H: Operation Mode (+5V)
L: Stand-by Mode (0V)
47
μF
/10V
33k
Ω
1k
Ω
2k
Ω
#17pin
standard voltage VST
10k
Ω
10k
Ω
10k
Ω
10k
Ω
GND
Ch2-OUT
Ch1-OUT
GND
Ch2-IN
Ch1-IN
Ch3-IN
Ch3-OUT
GND
+VL
+VH
-VL
-VH
STK416-100-E Series
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
23
22
21
20
+OFF
SET
-OFF
SET
-VL
+VL
-Pre -VH +VH
OUT
Ch1+
OUT
Ch1-
OUT
Ch2+
OUT
Ch2- +Pre SUB GND
IN
Ch1
NF
Ch1
NF
Ch2
IN
Ch2
ST
BY
IN
Ch3
NF
Ch3
OUT
Ch3+
OUT
Ch3-
4.7k
Ω
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
1
23
22
-Pre
-VH +VH
Ch1
OUT(+)
Ch1
OUT(-)
Ch2
OUT(+)
Ch2
OUT(-) +Pre
SUB
GND
Ch1
IN
Ch1
NF
Ch2
NF
Ch2
IN
ST
BY
Ch3
OUT(+)
Ch3
OUT(-)
82k
Ω
OUT Ch1
STK416-100-E Series
56k
Ω
I1
6.8k
Ω
56k
Ω
6.8k
Ω
(2) Load short
detection part
22k
Ω
56k
Ω
1k
Ω
0.1
μF
10k
Ω
100k
Ω
1k
Ω
33k
Ω
2k
Ω
(*1) R1
ex) 2.7k
Ω
33
μF
OUT Ch2
82k
Ω
82k
Ω
100
k
Ω
22
μF
22
μF
1) Stand-by control circuit part
H: Operation mode (+5V)
L: Stand-by mode (0V)
Point.B
Point.C
Tr1
Tr2
Stand-by Circuit
in Pre Driver IC
SW transistor
ΔVBE
(*4) R2
I2
I3
(3) Latch-up
circuit part
(4) DC vffset
protection
Tr4
Tr5
Tr3
Tr5
Tr6
-VCC
4.7k
Ω (*3)
Operate mode (VSTOFF) ≥2.5V
Stand-By mode (VSTON) <0.6V (0V typ)
56k
Ω 6.8kΩ
Tr2
OUT Ch3
(*2)
ex) +5V


유사한 부품 번호 - STK416-120-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK4160MK2 SANYO-STK4160MK2 Datasheet
235Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
STK4160MK5 SANYO-STK4160MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4161 SANYO-STK4161 Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
logo
List of Unclassifed Man...
STK4161II ETC-STK4161II Datasheet
104Kb / 2P
   2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
More results

유사한 설명 - STK416-120-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com