전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLRMM1052 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TLRMM1052
상세설명  TOSHIBA LED Lamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLRMM1052 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TLRMM1052 Datasheet HTML 6Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 7Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 8Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 9Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 10Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 11Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 12Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 13Page - Toshiba Semiconductor TLRMM1052 Datasheet HTML 14Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TL(RM,RMM,SM,OM,YM)1052(T20)
2009-07-23
10
Recommended soldering pattern
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents. Our dipping
tests (carried out under the recommended conditions) confirm that these solvents have no effect on
semiconductor devices. In selecting the cleaning solvent you will actually use, be sure to take into account the
cleaning conditions and usage conditions.
Cleaning Solvent
Manufacturer
ASAHI CLEAN AK-225AES
ASAHI GLASS
KAO CLEAN THROUGH 750H
KAO
PINE ALPHA ST-100S
ARAKAWA CHEMICAL
Precautions When Mounting
Do not apply force to plastic parts of the LED under high-temperature conditions.
The LED plastic is easily scratched. Avoid friction between plastic parts and hard objects or materials.
When installing the PCB in a product, ensure that the device does not come into contact with other components.
This product doesn't apply mounting that solder flow. Please mount on recommended reflow solder mounting condition.
Tape Specifications
1. Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The method of
classification is as below. (This method, however, does not apply to products whose electrical characteristics
differ from standard Toshiba specifications.)
(1)
Tape Type: T20 (8-mm pitch)
(2)
Example
Tape type
2. Handling precautions
Tape material protected against static electricity. However, static electricity may occur depending on
quantity of charged static electricity and a device may attach to a tape, or a device may be unstable
when peeling a tape cover.
(a) In process, taping materials may sustain an electrostatic charge, use an ionizer to
neutralize the ions.
(b) For transport and temporary storage of devices, use containers(boxes, jigs, and bags)
that are made of anti-static materials or of materials that dissipate electrostatic electricity.
2.45
1.3
2.7
Unit: mm
2.45
TLSM1052
(T20)
Toshiba product No.


유사한 부품 번호 - TLRMM1052

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLRMM1050 TOSHIBA-TLRMM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
More results

유사한 설명 - TLRMM1052

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRE1002A TOSHIBA-TLRE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLUR124 TOSHIBA-TLUR124 Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLGD231 TOSHIBA-TLGD231 Datasheet
177Kb / 4P
   TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com