전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES-2215R-VXAE 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 ES-2215R-VXAE
상세설명  15 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2215R-VXAE 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  ES-2215R-VXAE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2215R-VXAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Display Solutions
Features
15" LCD supports 1024 x 768 pixels and wide operating temperature
(-0 ~ 50˚ C)
Resistive, Capacitive, SAW or IR touchscreen and 3 mm tempered glass options
Versatile mounting brackets
Modular architecture for efficient integration
Special back cover designed for 3.5"/5.25" SBCs and ARK-1000/3000/4000
series box computers
Sunlight readable (optional)
Ultra-high brightness up to 1000 cd/m2 with LED backlight technology
(optional)
Rugged aluminum front bezel design (ES-2215)
VGA or LVDS interface (S-Video: optional)
ES-2115/2215
15" Open Frame and
Rugged Panel Mount Monitor
NEW
Introduction
The Advantech ES-2115/2215 Embedded Open Frame and Rugged Panel Mount Monitor series offer flexible options for LCD, touchscreen, signal interface and chassis mounting.
The back cover has mounting holes for industry standard 3.5" or 5.25" SBCs; or Advantech DSA-2102, DSA-3400 digital signage player, DVS-355 mobile digital video platform,
and ARK-1000, ARK-3000 and ARK-4000 series embedded box computers. The series supports panel and VESA mounting, and is supplied with four versatile mounting brackets
for different integration applications. The Advantech Display Solutions Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) enables easy selection
of model numbers by choosing the required options.
Specifications
Processor System
I/O Ports
15-pin D-sub, DC power input, RS-232 port, Power Switch and OSD keys (Auto-tune, menu, decrease, increase)
Display Input Signal
Analog RGB, 0.7 VP-P / 75 0hm, optional LVDS
Multi-Scan Mode
Multi-Scan Mode supports VGA, SVGA
OSD Control
Keys: Auto-tune, Menu, Decrease and Increase
Functions: Brightness, Contrast, Clock, Phase, Horizontal Position, Vertical Position and Sharpness
Power
50 W power adapter, with AC 100 ~ 240 V input and DC +12 V @ 4.16 A output
Dimensions (W x H x D)
Please refer to the product dimension diagram on next page
Weight
ES-2115: 3.8 kg / 8.38 lb
ES-2215: 4.5 kg / 9.92 lb
Environment
Operating Temperature
-0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F) for standard LCDs
Humidity
5 ~ 95% @ 40° C, non-condensing
Shock
10 G peak acceleration (11 ms duration)
EMC Approved
CE FCC
Display
Feature
Standard / (OEM)
Sunlight Readable
Ultra-high Brightness
Size
15"
15"
15"
Resolution (pixels)
1024 x 768 XGA
1024 x 768 XGA
1024 x 768 XGA
Number of Colors
262 K
262 K
262 K
Viewing Angle (L/R/U/D)
60°/60°/40°/60°
70°/70°/70°/50°
60°/60°/35°/65°
Brightness (cd/m2)
350
550
1500
Contrast Ratio
500:1
500:1
650:1
Response Time (ms)
12
12
6
Lamp Life (hrs)
50,000
50,000
50,000
Long-term Support
Yes
Yes
Yes
Anti-reflection
-
Yes
Yes
Touchscreen
Type
Analog Resistive
Capacitive
SAW
Infrared
Thickness
3.48 mm
3.18 mm
2.7 mm
3.0 mm
Resolution
4096 x 4096
1024 x 1024
4096 x 4096
4096 x 4096
Light Transmission
80%
85%
92%
92%
Controller Interface
RS-232/USB
RS-232
RS-232/USB
RS-232/USB
Power Consumption
+5 V @ 200 mA
+5 V @ 100 mA
+5 V @ 75 mA
+5 V @ 150 mA
Durability (Touches)
35 million hrs
225 million hrs
50 million hrs
MTBF 100,000 hrs
Driver OS Support
DOS, Linux, Mac, Windows 95/98/NT/ME/CE/2000/XP
ES-2115
ES-2215
RoHS
COMPLIANT
2002/95/EC


유사한 부품 번호 - ES-2215R-VXAE

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ES-2210 ADVANTECH-ES-2210 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2210C-VSA-SRE ADVANTECH-ES-2210C-VSA-SRE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2210R-VSAE ADVANTECH-ES-2210R-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2212C-VSA-SRE ADVANTECH-ES-2212C-VSA-SRE Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
More results

유사한 설명 - ES-2215R-VXAE

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
IDS-3115 ADVANTECH-IDS-3115_V01 Datasheet
782Kb / 2P
   15 XGA Industrial Open Frame Monitor
24-Jul-2020
IDS-3115 ADVANTECH-IDS-3115 Datasheet
362Kb / 2P
   15" XGA Industrial Open Frame Monitor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com