전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES-2112V-VXM-HE 데이터시트(PDF) 2 Page - Advantech Co., Ltd.

부품명 ES-2112V-VXM-HE
상세설명  12.1 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2112V-VXM-HE 데이터시트(HTML) 2 Page - Advantech Co., Ltd.

  ES-2112V-VXM-HE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2112V-VXM-HE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2112G-VSAE
Open Frame
400
VGA
Tempered Glass
N/A
N/A
ES-2112R-VSAE
Open Frame
400
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2112C-VSAE
Open Frame
400
VGA
Capacitive
RS-232
N/A
ES-2112R-VXME
Open Frame
350
VGA
5-Wire Resistive
RS-232/USB
ES-2112R-LSA-05E
Open Frame
400
LVDS
5-Wire Resistive
RS-232/USB
N/A
ES-2212R-VSAE
Rugged panel mount
400
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2212C-VSA-SRE
Rugged panel mount
400
VGA
Capacitive
RS-232
Yes
ES-2112C-VSA-HE
Open Frame
1000
VGA
Capacitive
RS-232
Yes
ES-2112V-VXM-HE
Open Frame
1000
VGA
Infrared
RS-232
Yes
Notes:
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display Solutions. The
Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
ES-2112/2212
ES-2112
ES-2212
(Resistive
T/S)
49.36
337.0
38.1
75.0
3.36
355.0
120.0
120.0
53.5
49.36
3.36
249.0
CUT OUT
249.05
CUT OUT
50.0
4.0
(Capactiv
e T/S)
3.7
49.7
(SAW
T/S)
9.0
55.0
(Infra
Red
Vandal
Proof
T/S)
120.0
120.0
53.2
M3 TAP
120.0
53.2
120.0
M3 TAP
(For AUO panel)
(For Mitsubishi panel)
341.00
10.00
29.70
58.70
291.00
313.39


유사한 부품 번호 - ES-2112V-VXM-HE

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2110C-VSAE ADVANTECH-ES-2110C-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2110G-VSAE ADVANTECH-ES-2110G-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2110R-LSA-05E ADVANTECH-ES-2110R-LSA-05E Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
ES-2110R-VSAE ADVANTECH-ES-2110R-VSAE Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
More results

유사한 설명 - ES-2112V-VXM-HE

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ES-2108 ADVANTECH-ES-2108 Datasheet
331Kb / 2P
   8.4 Open Frame and Rugged Panel Mount Monitor
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2115 ADVANTECH-ES-2115 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
logo
Axiomtek Co., Ltd.
LD-121 AXIOMTEK-LD-121 Datasheet
129Kb / 1P
   12.1 Industrial Open Frame LCD Monitor
logo
AZ Displays
AOM121S AZDISPLAYS-AOM121S Datasheet
2Mb / 18P
   SPECIFICATIONS FOR 12.1??OPEN FRAME MONITOR
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com