전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS103A 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS103A
상세설명  Dual Operational Amplifiers And Voltage Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS103A 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS103A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS103A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS103A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS103A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS103A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS103A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS103/A
Dual Operational Amplifiers And
Voltage Reference
3/6
Version: B07
Electrical Characteristics (Operating Conditions: VCC = +5V, TA= 25°C unless otherwise specified)
Parameters
Conditions
Min.
Typ.
Max.
Unit
OP AMP 2 Section (VCC= 5V, VO= 1.4V, TA= 25°C, unless otherwise noted)
TA = 25°C (TS103)
--
0.5
3
TA = 25°C (TS103A)
--
0.5
2
Input Offset Voltage
TA = -40 to 85°C
--
--
5
mV
Input Offset Voltage
Temperature Drift
TA = -40 to 85°C
--
7
--
µV/°C
Input Bias Current
TA = 25°C
--
20
150
nA
Input Voltage Range
VCC = 0~18V
0
00
Vcc-1.5
V
Large Signal Voltage Gain
VCC = 15V, RL = 2kΩ,
VO = 1.4 to 11.4V
85
100
--
dB
Power Supply Rejection Ratio
VCC = 5 to l8V
70
90
--
dB
Source
VCC = 15V, VID = 1V, VO = 2V
20
40
--
mA
Output Current
Sink
VCC = 15V, VID = -1V, VO = 2V
10
20
--
mA
Output Voltage Swing (High)
VCC = 18V, RL = 10kΩ, VID = 1V
16
16.5
--
V
Output Voltage Swing (Low)
VCC = 18V, RL = 10kΩ, VID = -1V
--
17
100
mV
Slew Rate
VCC = 18V, RL = 2kΩ, A
V
= 1,
V
IN
= 0.5 to 2V, CL = 100pF
0.2
0.5
--
V/µs
Gain Bandwidth Product
VCC = 18V, RL = 2kΩ, CL = 100pF
VIN = 10mV, f = 100kHz
0.5
1
--
MHz
Function Block Diagram
OP AMP Function Block Diagram (Each Amplifier)


유사한 부품 번호 - TS103A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS103ACSRLG TSC-TS103ACSRLG Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
More results

유사한 설명 - TS103A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
Texas Instruments
LM613 TI1-LM613 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
National Semiconductor ...
LM613 NSC-LM613 Datasheet
1Mb / 22P
   Dual Operational Amplifiers, Dual Comparators, and Adjustable Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
   Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com