전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS431ACTRF 데이터시트(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

부품명 TS431ACTRF
상세설명  Adjustable Precision Shunt Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACTRF 데이터시트(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS431ACTRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACTRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACTRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACTRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ACTRF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS431ACTRF Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS431ACTRF Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS431ACTRF Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS431ACTRF Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TS431
Adjustable Precision Shunt Regulator
9/13
Version: F07
TO-92 Mechanical Drawing
Marking Diagram
X = Tolerance Code
(A = ±1%, B = ±0.5%, C = ±0.25%, Blank = ±2%,)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
= Month Code for Halogen Free Product
(O=Jan, P=Feb, Q=Mar, R=Apl, S=May, T=Jun, U=Jul, V=Aug, W=Sep,
X=Oct, Y=Nov, Z=Dec)
L = Lot Code
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
13.53 (typ)
0.532 (typ)
D
0.39
0.49
0.015
0.019
E
1.18
1.28
0.046
0.050
F
3.30
3.70
0.130
0.146
G
1.27
1.31
0.050
0.051
H
0.33
0.43
0.013
0.017


유사한 부품 번호 - TS431ACTRF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS431ACT TSC-TS431ACT Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
TS431ACT-A3G TSC-TS431ACT-A3G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
TS431ACT-B0G TSC-TS431ACT-B0G Datasheet
4Mb / 13P
   2.495V Programmable Shunt Voltage Reference
More results

유사한 설명 - TS431ACTRF

제조업체부품명데이터시트상세설명
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com