전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3410 데이터시트(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

부품명 TS3410
상세설명  1A / 1.5MHz Synchronous Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3410 데이터시트(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS3410 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3410 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS3410
1A / 1.5MHz Synchronous Buck Converter
3/7
Version: A08
Block Diagram
Function Description
Operation
TS3410 is a monolithic switching mode Step-Down DC-DC converter. It utilizes internal MOSFETs to achieve high
efficiency and can generate very low output voltage by using internal reference at 0.6V. It operates at a fixed switching
frequency, and uses the slope compensated current mode architecture. This Step-Down DC-DC Converter supplies 1A
output current at VOUT = 1.8V with input voltage range from 2.5V to 6V.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for excellent
load and line responses and protection of the internal main switch (P-CH MOSFET) and synchronous rectifier (N-CH
MOSFET). During normal operation, the internal P-CH MOSFET is turned on for a certain time to ramp the inductor
current at each rising edge of the internal oscillator, and switched off when the peak inductor current is above the error
voltage. The current comparator, ICOMP, limits the peak inductor current. When the main switch is off, the
synchronous rectifier will be turned on immediately and stay on until either the inductor current starts to reverse, as
indicated by the current reversal comparator, IZERO, or the beginning of the next clock cycle. The OVDET comparator
controls output transient overshoots by turning the main switch off and keeping it off until the fault is no longer present.
Idle Mode Operation
At very light loads, TS3410 automatically enters pulse skipping Mode. In the pulse skipping Mode, the inductor current
may reach zero or reverse on each pulse. The PWM control loop will automatically skip pulses to maintain output
regulation. The bottom MOSFET is turned off by the current reversal comparator, IZERO, and the switch voltage will
ring. This is discontinuous mode operation, and is normal behavior for the switching regulator.


유사한 부품 번호 - TS3410

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS3410CX5RF TSC-TS3410CX5RF Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
TS3410 TSC-TS3410_10 Datasheet
463Kb / 10P
   1A / 1.4MHz Synchronous Buck Converter
More results

유사한 설명 - TS3410

제조업체부품명데이터시트상세설명
logo
SHANGHAI BELLING CO., L...
BL8024 BELLING-BL8024 Datasheet
593Kb / 6P
   1A 1.5MHz 6V Synchronous Buck Converter
BL8025 BELLING-BL8025 Datasheet
595Kb / 6P
   1A 1.5MHz 6V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE721G ACE-ACE721G Datasheet
551Kb / 11P
   5V 1A, 1.5MHz Synchronous Buck Converter
VER 1.1
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178 ANPEC-APW7178 Datasheet
274Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7505 ANPEC-APW7505 Datasheet
286Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
   1.5MHz, 1A Synchronous Buck Regulator
APW7178A ANPEC-APW7178A Datasheet
266Kb / 16P
   1.5MHz, 1A Synchronous Buck Regulator
APW7104 ANPEC-APW7104 Datasheet
288Kb / 18P
   1.5MHz, 1A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com