전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC-1770H 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 TPC-1770H
상세설명  17 SXGA TFT LCD Core??2 Duo L7400 Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1770H 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  TPC-1770H Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1770H Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Touch Panel Computers
Features
TPC-1780H
TPC-1770H
Specifications
General
ƒ
BIOS
Award® 4 MB
ƒ
Certifications
BSMI, CCC, CE, FCC, UL
ƒ
Cooling System
Fanless design
ƒ
Dimensions (W x H x D) 414 x 347.5 x 93 mm (16.3" x 13.68" x 3.66")
ƒ
Enclosure
Front bezel: Die-cast Aluminum alloy
Back housing: ABS + PC
ƒ
Mounting
Desktop, Wall or Panel Mount
ƒ
OS Support
Windows XP/XPe (Vista only for TPC-1780H)
ƒ
Power Consumption
100 W Typical
ƒ
Power Input
18 ~ 32 VDC
ƒ
Watchdog Timer
1 ~ 255 sec (system)
ƒ
Weight (Net)
8 kg (17.64 lbs)
System Hardware
ƒ
CPU
TPC-1780H: Intel Core™ 2 Duo L7400 1.5 GHz
TPC-1770H: Intel Celeron M 1 GHz 512k cache
ƒ
Chipset
TPC-1780H: Intel 945GME + ICH7
TPC-1770H: Intel 915GME + ICH6M
ƒ
Memory
TPC-1780H: 2GB SO-DIMM DDR2 SDRAM, Up to 4GB
TPC-1770H: 1GB 240pin DIMM DDR2 SDRAM
ƒ
LAN
10/100/1000Base-T x 2
ƒ
Expansion Slots
PCI-104 (Up to 1unit, Optional)
RS-422/485 (Optional)
ƒ
Storage
CompactFlash® slot x 1
2.5" SATA HDD x 1(optional)
ƒ
I/O
RS-232 x 3 (COM1, 3, 4)
USB 2.0 x 4 (Host)
PS/2 Keyboard x 1, PS/2 Mouse x 1
VGA x 1
MIC-in x 1, Line-in x 1, Line-out x 1
LCD Display
ƒ
Display Type
SXGA TFT LCD
ƒ
Display Size
17"
ƒ
Max. Resolution
1280 x 1024
ƒ
Max. Colors
16.7 M
ƒ
Luminance cd/m2
300
ƒ
Viewing Angle (H/V°)
160/160
ƒ
Backlight Life
50,000 hrs
ƒ
Contrast Ratio
800:1
Touchscreen
ƒ
Lifespan
1 million touches at single point
ƒ
Light Transmission
Above 75%
ƒ
Resolution
Linearity
ƒ
Type
8-wire, analog resistive
Environment
ƒ
Humidity
10 ~ 95% RH @ 40° C, non-condensing
ƒ
Ingress Protection
Front panel: NEMA4, IP65
ƒ
Operating Temperature 0 ~ 45° C (32 ~ 113° F)
ƒ
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
ƒ
Vibration Protection
With HDD: 1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
ƒ Intel® Core™ 2 Duo L7400 processor up to 1.5 GHz on board/
Intel Celeron® M processor up to 1 GHz on board
ƒ 17" SXGA TFT LCD
ƒ Compact design with die-cast Al alloy front bezel
ƒ Fanless cooling system
ƒ NEMA4/IP65 compliant front panel
ƒ Supports Microsoft® Windows® XP/XPe, Vista (TPC-1780H only)
ƒ Downward I/O cabling
ƒ Gigabit Ethernet and Fast Ethernet supported
17" SXGA TFT LCD Core™ 2 Duo
L7400 Touch Panel Computer
17" SXGA TFT LCD Celeron® M
Touch Panel Computer
Introduction
With a high quality TFT LCD display, TPC-1780H/TPC-1770H is designed with the Intel Core 2 Duo L7400/Intel Celeron M processor as its core. The Intel Core 2 Duo/Intel Celeron M has
low power consumption and 1.5/1 GHz operating frequency. This system is fanless although the kernel is powerful. In addition, spindle-free storage makes the TPC-1780H/TPC-1770H
a durable and reliable platform. For applications where spindle-free storage is not critical, a fast-access HDD module can be used. The rich I/O portfolio meets diverse requests.
NEW


유사한 부품 번호 - TPC-1770H

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
TPC-1771H-D3AE ADVANTECH-TPC-1771H-D3AE Datasheet
777Kb / 2P
   17" SXGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
More results

유사한 설명 - TPC-1770H

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
TPC-1771H-D3AE ADVANTECH-TPC-1771H-D3AE Datasheet
777Kb / 2P
   17" SXGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
TPC-1782H ADVANTECH-TPC-1782H Datasheet
861Kb / 2P
   17" SXGA TFT LED LCD Touch Panel 17" SXGA TFT LED LCD Touch Panel Computer with 4th Gen. Intel® Core™ i3 Processor
5-Jan-2021
logo
Axiomtek Co., Ltd.
P1177E-500 AXIOMTEK-P1177E-500 Datasheet
483Kb / 2P
   17 SXGA TFT Expandable Industrial Touch Panel Computer
GOT3177T-311-FR AXIOMTEK-GOT3177T-311-FR Datasheet
640Kb / 2P
   17 SXGA TFT Flat Bezel Expandable Touch Panel Computer
P1177S-881 AXIOMTEK-P1177S-881_17 Datasheet
416Kb / 2P
   17 SXGA TFT Slim Industrial Touch Panel Computer with 4th Gen Intel Core
logo
Advantech Co., Ltd.
TPC-1782H-433AE ADVANTECH-TPC-1782H-433AE Datasheet
889Kb / 2P
   17" SXGA TFT LED LCD 4th. Gen. Intel짰 Core??i3 Touch Panel Compu
logo
Axiomtek Co., Ltd.
P1177E-842 AXIOMTEK-P1177E-842_17 Datasheet
376Kb / 2P
   17 SXGA TFT Expandable Industrial Touch Panel Computer with Intel Celeron
P1177E-871 AXIOMTEK-P1177E-871_17 Datasheet
430Kb / 2P
   17 SXGA TFT Expandable Industrial Touch Panel Computer with 3rd Gen
P1177S-871 AXIOMTEK-P1177S-871_17 Datasheet
376Kb / 2P
   17 SXGA TFT Slim Industrial Touch Panel Computer with 3rd Gen
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
   17??SXGA TFT LCD
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com