전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBF2510G05L 데이터시트(PDF) 1 Page - Dubilier

부품명 DBF2510G05L
상세설명  DC COOLING FAN 25x25x10mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DUBILIER [Dubilier]
홈페이지  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF2510G05L 데이터시트(HTML) 1 Page - Dubilier

  DBF2510G05L Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
286
DC COOLING FAN
25x25x10mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
2510
G
05
H
Dubilier
Fans
Size
25x25x10mm
Bearing
G=Oil
Voltage
05=05vdc
12=12vdc
Airflow
H=High
M=Medium
L=Low
Options
Blank=Standard
S=Speed Sensor
Voltage: 5 & 12 VDC
Oil Bearing
Material on housing: Plastic Housing to UL94V-0
Airflow range: 1.69 - 2.56 CFM
Suitable for Small Space Cooling
Spot Cooling
Part No.
Bearing
Voltage(V)
Current(A) Power(W) Speed(RPM)
Air flow(CFM)
Pressure(mmAq)
Noise(dB/A)
Weight(g)
DBF2510G05H
Oil
5v
0.08
0.65
12000
2.56
6.73
29.0
6g
DBF2510G05M
Oil
5v
0.06
0.42
10000
2.14
4.93
26.9
6g
DBF2510G05L
Oil
5v
0.05
0.25
8000
1.69
3.23
24.1
6g
DBF2510G12H
Oil
12v
0.09
1.02
12000
2.56
6.73
29.0
6g
DBF2510G12M
Oil
12v
0.06
0.68
10000
2.14
4.93
26.9
6g
DBF2510G12L
Oil
12v
0.04
0.5
8000
1.69
3.23
24.1
6g
Impeller: Plastic (UL;94V-0)
Protection: Current Limit
Operating Temp:-10˚to 70˚C
.


유사한 부품 번호 - DBF2510G05L

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
DBF2510 DIODES-DBF2510 Datasheet
556Kb / 5P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DBF2510 ZSELEC-DBF2510 Datasheet
162Kb / 2P
   2.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DBF2510-13 DIODES-DBF2510-13 Datasheet
556Kb / 5P
   2.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

유사한 설명 - DBF2510G05L

제조업체부품명데이터시트상세설명
logo
CoolCox Limited All rig...
CC2510 COOLCOX-CC2510 Datasheet
533Kb / 1P
   DC Axial Fan 25x25x10mm
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF6015B12H DUBILIER-DBF6015B12H Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF12038B12H DUBILIER-DBF12038B12H Datasheet
136Kb / 1P
   DC COOLING FAN 120x120x38mm
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
   DC COOLING FAN 40x40x10mm
DBF8025B12H DUBILIER-DBF8025B12H Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
DBF4020B12H DUBILIER-DBF4020B12H Datasheet
129Kb / 1P
   DC COOLING FAN 40x40x20mm
DBF17238B12M DUBILIER-DBF17238B12M Datasheet
156Kb / 1P
   DC COOLING FAN 172x150x38mm
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com