전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBF6015S05LA 데이터시트(PDF) 1 Page - Dubilier

부품명 DBF6015S05LA
상세설명  DC COOLING FAN 60x60x15mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DUBILIER [Dubilier]
홈페이지  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF6015S05LA 데이터시트(HTML) 1 Page - Dubilier

  DBF6015S05LA Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
281
DC COOLING FAN
60x60x15mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
6015
B
12
H
Dubilier
Fans
Size
60x60x15mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
05=05vdc
12=12vdc
Airflow
H=High
M=Medium
L=Low
Options
Blank=Standard
A=Alarm Lead
S=Speed Sensor
T=Twin Speed
Other options available
Voltage: 5 & 12 VDC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Plastic Housing to UL94V-0
Airflow range: 13.5 - 16.6 CFM
Suitable for Small Space Cooling
Spot Cooling
Part No.
Bearing
Voltage(V) Current(A) Power(W) Speed(RPM) Air flow(CFM) Pressure(mmAq) Noise(dB/A) Weight(g)
DBF6015x05H
Ball, Sleeve, Oil
5
0.37
1.85
4500
16.6
3.86
32.4
39
DBF6015x05M
Ball, Sleeve, Oil
5
0.25
1.25
3900
14.2
3.00
28.8
39
DBF6015x05L
Ball, Sleeve, Oil
5
0.20
1.00
3500
13.5
2.30
27.6
39
DBF6015x12H
Ball, Sleeve, Oil
12
0.13
1.56
4500
16.6
3.86
32.4
39
DBF6015x12M
Ball, Sleeve, Oil
12
0.11
1.32
3900
14.2
3.00
28.8
39
DBF6015x12L
Ball, Sleeve, Oil
12
0.06
0.72
3500
13.5
2.30
27.6
39
Impeller: Plastic (UL;94V-0)
Lead Wire: UL2468 AWG26
Protection: Current Limit
Operating Temp:-10˚to 70˚C


유사한 부품 번호 - DBF6015S05LA

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
DBF60 SANYO-DBF60 Datasheet
48Kb / 2P
   6.0A Single-Phase Bridge Rectifier
DBF60 SANYO-DBF60 Datasheet
85Kb / 2P
   6.0A Single-Phase Bridge Rectifier
logo
Dubilier
DBF6025B05H DUBILIER-DBF6025B05H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF6025B05HA DUBILIER-DBF6025B05HA Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF6025B05HS DUBILIER-DBF6025B05HS Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
More results

유사한 설명 - DBF6015S05LA

제조업체부품명데이터시트상세설명
logo
CoolCox Limited All rig...
CC6015 COOLCOX-CC6015 Datasheet
454Kb / 1P
   DC Axial Fan 60x60x15mm
BF6015 COOLCOX-BF6015 Datasheet
321Kb / 1P
   DC Blower Fan 60x60x15mm
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
   DC COOLING FAN 25x25x10mm
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF12038B12H DUBILIER-DBF12038B12H Datasheet
136Kb / 1P
   DC COOLING FAN 120x120x38mm
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
   DC COOLING FAN 40x40x10mm
DBF8025B12H DUBILIER-DBF8025B12H Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
DBF4020B12H DUBILIER-DBF4020B12H Datasheet
129Kb / 1P
   DC COOLING FAN 40x40x20mm
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com