전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBF12038G24M 데이터시트(PDF) 1 Page - Dubilier

부품명 DBF12038G24M
상세설명  DC COOLING FAN 120x120x38mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DUBILIER [Dubilier]
홈페이지  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF12038G24M 데이터시트(HTML) 1 Page - Dubilier

  DBF12038G24M Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
290
DC COOLING FAN
120x120x38mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
12038
B
12
H
Dubilier
Fans
Size
120x120x38mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
12=12vdc
24=24vdc
48=48vdc
Airflow
H=High
M=Medium
L=Low
Options
Blank=Standard
A=Alarm Lead
S=Speed Sensor
T=Twin Speed
Other options available
Voltage: 12, 24 & 48 VDC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Aluminium Alloy Housing
Airflow range: 72.3 - 125.1 CFM
Suitable for PSU, Racks and Test Instruments
Part No.
Bearing
Voltage(V)
Current(A)
Power (W)
Speed(RPM) Air flow(CFM ) Pressure(mmAq)
Noise(dB/A) Weight(g)
DBF12038x12H
Ball, Sleeve, Oil
12
0.50
6.00
2800
104.8
6.86
42.8
320
DBF12038x12M
Ball, Sleeve, Oil
12
0.35
4.20
2540
94.0
6.20
41.0
320
DBF12038x12L
Ball, Sleeve, Oil
12
0.24
2.88
1950
72.3
3.43
32.9
320
DBF12038x24H
Ball, Sleeve, Oil
24
0.35
8.40
3200
125.1
9.50
48.1
320
DBF12038B24M
Ball
24
0.34
8.16
2800
104.8
6.86
42.8
320
DBF12038x24L
Sleeve, Oil
24
0.32
7.68
2800
104.8
6.86
42.8
320
DBF12038x48H
Ball, Sleeve, Oil
48
0.20
9.60
2800
104.8
6.86
42.8
320
DBF12038x48M
Ball, Sleeve, Oil
48
0.14
6.72
2540
94.0
6.20
41.0
320
DBF12038x48L
Ball, Sleeve, Oil
48
0.10
4.80
1950
72.3
3.43
32.9
320
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1007 AWG24
Protection: Current Limit
Operating Temp:-10˚to 70˚C


유사한 부품 번호 - DBF12038G24M

제조업체부품명데이터시트상세설명
logo
Dubilier
DBF12038G230HT DUBILIER-DBF12038G230HT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
DBF12038G230HW DUBILIER-DBF12038G230HW Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
DBF12038G230LT DUBILIER-DBF12038G230LT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
DBF12038G230LW DUBILIER-DBF12038G230LW Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
DBF12038G230MT DUBILIER-DBF12038G230MT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
More results

유사한 설명 - DBF12038G24M

제조업체부품명데이터시트상세설명
logo
Dubilier
DBF12038B115MT DUBILIER-DBF12038B115MT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
logo
Qualtek Electronics Cor...
FAD1-12038 QUALTEK-FAD1-12038 Datasheet
1Mb / 1P
   120x120x38mm DC AXIAL FAN
FAA1-12038 QUALTEK-FAA1-12038 Datasheet
1Mb / 1P
   120x120x38mm AC AXIAL FAN
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
   DC COOLING FAN 25x25x10mm
DBF6015B12H DUBILIER-DBF6015B12H Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
   DC COOLING FAN 40x40x10mm
DBF8025B12H DUBILIER-DBF8025B12H Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com