전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT827 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 74ABT827
상세설명  10-bit buffer/line driver; non-inverting; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT827 데이터시트(HTML) 5 Page - NXP Semiconductors

  74ABT827 Datasheet HTML 1Page - NXP Semiconductors 74ABT827 Datasheet HTML 2Page - NXP Semiconductors 74ABT827 Datasheet HTML 3Page - NXP Semiconductors 74ABT827 Datasheet HTML 4Page - NXP Semiconductors 74ABT827 Datasheet HTML 5Page - NXP Semiconductors 74ABT827 Datasheet HTML 6Page - NXP Semiconductors 74ABT827 Datasheet HTML 7Page - NXP Semiconductors 74ABT827 Datasheet HTML 8Page - NXP Semiconductors 74ABT827 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74ABT827_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 24 February 2010
5 of 14
NXP Semiconductors
74ABT827
10-bit buffer/line driver; non-inverting; 3-state
9.
Static characteristics
[1]
This parameter is valid for any VCC between 0 V and 2.1 V with a transition time of up to 10 ms. For VCC =2.1 VtoVCC =5V ± 10 %, a
transition time of up to 100
µs is permitted.
[2]
Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[3]
This is the increase in supply current for each input at 3.4 V.
Table 6.
Static characteristics
Symbol Parameter
Conditions
25
°C
−40 °Cto+85 °C Unit
Min
Typ
Max
Min
Max
VIK
input clamping voltage
VCC = 4.5 V; IIK = −18 mA
−1.2
−0.9
-
−1.2
-
V
VOH
HIGH-level output
voltage
VI = VIL or VIH
VCC = 4.5 V; IOH = −3 mA
2.5
2.9
-
2.5
-
V
VCC = 5.0 V; IOH = −3 mA
3.0
3.4
-
3.0
-
V
VCC = 4.5 V; IOH = −32 mA
2.0
2.4
-
2.0
-
V
VOL
LOW-level output
voltage
VCC = 4.5 V; IOL = 64 mA;
VI =VIL or VIH
-
0.42
0.55
-
0.55
V
II
input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
-
±0.01 ±1.0
-
±1.0
µA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100
µA
IO(pu/pd)
power-up/power-down
output current
VCC = 2.0 V; VO = 0.5 V;
VI = GND or VCC; OEn HIGH
[1]
-
±5.0
±50
-
±50
µA
IOZ
OFF-state output current VCC = 5.5 V; VI =VIL or VIH
VO = 2.7 V
-
5.0
50
-
50
µA
VO = 0.5 V
-
−5.0
−50
-
−50
µA
ILO
output leakage current
HIGH-state; VO = 5.5 V;
VCC = 5.5 V; VI = GND or VCC
-
5.0
50
-
50
µA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[2]
−180
−80
−50
−180
−50
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
outputs HIGH-state
-
0.5
250
-
250
µA
outputs LOW-state
-
25
38
-
38
mA
outputs disabled
-
0.5
250
-
250
µA
∆ICC
additional supply current per input pin; VCC = 5.5 V; one
input at 3.4 V; other inputs at
VCC or GND
[3]
outputs enabled
-
0.5
1.5
-
1.5
mA
outputs 3-state, one data
input
-
0.01
50
-
50
mA
outputs 3-state; one enable
input
-
0.5
1.5
-
1.5
mA
CI
input capacitance
VI = 0 V or VCC
-4-
-
-
pF
CO
output capacitance
outputs disabled; VO =0V
or VCC
-7-
-
-
pF


유사한 부품 번호 - 74ABT827

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT827D PHILIPS-74ABT827D Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT827DB PHILIPS-74ABT827DB Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT827N PHILIPS-74ABT827N Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT827PW PHILIPS-74ABT827PW Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
More results

유사한 설명 - 74ABT827

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com