전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT827PW 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74ABT827PW
상세설명  10-bit buffer/line driver; non-inverting; 3-state
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT827PW 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74ABT827PW Datasheet HTML 5Page - NXP Semiconductors 74ABT827PW Datasheet HTML 6Page - NXP Semiconductors 74ABT827PW Datasheet HTML 7Page - NXP Semiconductors 74ABT827PW Datasheet HTML 8Page - NXP Semiconductors 74ABT827PW Datasheet HTML 9Page - NXP Semiconductors 74ABT827PW Datasheet HTML 10Page - NXP Semiconductors 74ABT827PW Datasheet HTML 11Page - NXP Semiconductors 74ABT827PW Datasheet HTML 12Page - NXP Semiconductors 74ABT827PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
74ABT827_3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 24 February 2010
9 of 14
NXP Semiconductors
74ABT827
10-bit buffer/line driver; non-inverting; 3-state
Fig 9.
Package outline SOT340-1 (SSOP24)
UNIT
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.38
0.25
0.20
0.09
8.4
8.0
5.4
5.2
0.65
1.25
7.9
7.6
0.9
0.7
0.8
0.4
8
0
o
o
0.13
0.1
0.2
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
1.03
0.63
SOT340-1
MO-150
99-12-27
03-02-19
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
112
24
13
0.25
y
pin 1 index
0
2.5
5 mm
scale
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
A
max.
2


유사한 부품 번호 - 74ABT827PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT827PW PHILIPS-74ABT827PW Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ABT827PWDH PHILIPS-74ABT827PWDH Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
More results

유사한 설명 - 74ABT827PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
   10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
   Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
   20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
logo
NXP Semiconductors
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
   18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
   20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com