전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP2095 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TLP2095
상세설명  PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2095 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP2095 Datasheet HTML 2Page - Toshiba Semiconductor TLP2095 Datasheet HTML 3Page - Toshiba Semiconductor TLP2095 Datasheet HTML 4Page - Toshiba Semiconductor TLP2095 Datasheet HTML 5Page - Toshiba Semiconductor TLP2095 Datasheet HTML 6Page - Toshiba Semiconductor TLP2095 Datasheet HTML 7Page - Toshiba Semiconductor TLP2095 Datasheet HTML 8Page - Toshiba Semiconductor TLP2095 Datasheet HTML 9Page - Toshiba Semiconductor TLP2095 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TLP2095
2009-08-11
6
Soldering and Storage
1. Soldering
1.1 Soldering
When using a soldering iron or medium infrared ray/hot air reflow, avoid a rise in device temperature as
much as possible by observing the following conditions.
1) Using solder reflow
·Temperature profile example of lead (Pb) solder
·Temperature profile example of using lead (Pb)-free solder
2) Using solder flow (for lead (Pb) solder, or lead (Pb)-free solder)
Please preheat it at 150°C between 60 and 120 seconds.
Complete soldering within 10 seconds below 260°C. Each pin may be heated at most once.
3) Using a soldering iron
Complete soldering within 10 seconds below 260°C, or within 3 seconds at 350°C. Each pin may
be heated at most once.
Time
(s)
(°C)
240
210
160
60 to 120s
less than 30s
140
Time
(s)
(°C)
260
230
190
60 to 120s
30 to 50s
180
This profile is based on the device’s
maximum heat resistance guaranteed
value.
Set the preheat temperature/heating
temperature to the optimum temperature
corresponding to the solder paste type
used
by
the
customer
within
the
described profile.
This profile is based on the device’s
maximum heat resistance guaranteed
value.
Set the preheat temperature/heating
temperature to the optimum temperature
corresponding to the solder paste type
used
by
the
customer
within
the
described profile.


유사한 부품 번호 - TLP2095

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP209D TOSHIBA-TLP209D Datasheet
130Kb / 4P
   PHOTO RELAY
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results

유사한 설명 - TLP2095

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2098 TOSHIBA-TLP2098 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com