전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-20G-B 데이터시트(PDF) 1 Page - Omron Electronics LLC

부품명 A-20G-B
상세설명  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A-20G-B 데이터시트(HTML) 1 Page - Omron Electronics LLC

  A-20G-B Datasheet HTML 1Page - Omron Electronics LLC A-20G-B Datasheet HTML 2Page - Omron Electronics LLC A-20G-B Datasheet HTML 3Page - Omron Electronics LLC A-20G-B Datasheet HTML 4Page - Omron Electronics LLC A-20G-B Datasheet HTML 5Page - Omron Electronics LLC A-20G-B Datasheet HTML 6Page - Omron Electronics LLC A-20G-B Datasheet HTML 7Page - Omron Electronics LLC A-20G-B Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Snap Action Switch
A
19
Snap Action Switch
A
General-purpose Snap Action Switch
• High-capacity switch capable of handling 20 A loads with
large inrush currents
• Directly switches such loads as motors, halogen lamps and
solenoids
• Same shape as OMRON snap action switch model Z
except in pin plunger position, yet endures inrush currents
as large as 75 A.
Ordering Information
Model Number Legend
Terminal
Solder terminal
Screw terminal (-B)
Actuator
Model
Model
Pin plunger
A-20G
A-20G-B
Short spring plunger
A-20GD
A-20GD-B
Panel mount plunger
A-20GQ
A-20GQ-B
Panel mount roller plunger
A-20GQ22
A-20GQ22-B
Panel mount cross roller plunger
---
A-20GQ21-B
Short hinge lever
A-20GV21
A-20GV21-B
Hinge lever
A-20GV
A-20GV-B
Short hinge roller lever
A-20GV22
A-20GV22-B
Hinge roller lever
A-20GV2
A-20GV2-B
A - 20 G
-
3
2
1
4
1. Ratings
20: 20 A (250 VAC)
2. Contact Gap
G: 0.5 mm
3. Actuator
None: Pin plunger
D:
Short spring plunger
Q:
Panel mount plunger
Q21: Panel mount cross roller plunger
Q22: Panel mount roller plunger
V:
Hinge lever
V2:
Hinge roller lever
V21:
Short hinge lever
V22:
Short hinge roller lever
4. Terminals
None: Solder terminal
B:
Screw terminal
(with toothed washer)


유사한 부품 번호 - A-20G-B

제조업체부품명데이터시트상세설명
logo
Pentair plc. All rights...
A-20 PENTAIR-A-20 Datasheet
193Kb / 2P
   OPAQUE FILTER HOUSING
logo
List of Unclassifed Man...
A-20-LC-7-T ETC1-A-20-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-T2 ETC1-A-20-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TR ETC1-A-20-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-20-LC-TT ETC1-A-20-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

유사한 설명 - A-20G-B

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com