전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DZ-10GV-1A 데이터시트(PDF) 1 Page - Omron Electronics LLC

부품명 DZ-10GV-1A
상세설명  Special-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DZ-10GV-1A 데이터시트(HTML) 1 Page - Omron Electronics LLC

  DZ-10GV-1A Datasheet HTML 1Page - Omron Electronics LLC DZ-10GV-1A Datasheet HTML 2Page - Omron Electronics LLC DZ-10GV-1A Datasheet HTML 3Page - Omron Electronics LLC DZ-10GV-1A Datasheet HTML 4Page - Omron Electronics LLC DZ-10GV-1A Datasheet HTML 5Page - Omron Electronics LLC DZ-10GV-1A Datasheet HTML 6Page - Omron Electronics LLC DZ-10GV-1A Datasheet HTML 7Page - Omron Electronics LLC DZ-10GV-1A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Special-purpose Basic Switch
DZ
89
Special-purpose Basic Switch
DZ
DPDT Basic Switch for Two Independent
Circuit Control
• Incorporates two completely independent built-in switches.
• Ideal for switching the circuits operating on two different
voltages, and for controlling two independent circuits.
• Interchangeable with OMRON Z Basic Switches, as both
switches are identical in mounting hole dimensions,
mounting pitch and pin plunger position.
Ordering Information
Model Number Legend
Terminal
Solder terminal (-1A)
Screw terminal (-B)
Actuator
OT (min.)
Model
Model
Pin plunger
0.13 mm
DZ-10G-1A
DZ-10G-1B
Hinge lever
1.6 mm
DZ-10GW-1A
DZ-10GW-1B
0.4 mm
DZ-10GV-1A
DZ-10GV-1B
Short hinge roller lever
0.9 mm
DZ-10GW22-1A
DZ-10GW22-1B
0.13 mm
DZ-10GV22-1A
DZ-10GV22-1B
Hinge roller lever
1.2 mm
DZ-10GW2-1A
DZ-10GW2-1B
0.26 mm
DZ-10GV2-1A
DZ-10GV2-1B
DZ-10 G
- 1
3
2
1
5
4
1. Ratings
10: 10 A (250 VAC)
2. Contact Gap
G: 0.5 mm
3. Actuator
None: Pin plunger
Low OT Levers:
V:
Hinge lever
V22:
Short hinge roller lever
V2:
Hinge roller lever
High OT Levers:
W:
Hinge lever
W22: Short hinge roller lever
W2:
Hinge roller lever
4. Contact Form
1:
DPDT
5. Terminals
A:
Solder terminal
B:
Screw terminal


유사한 부품 번호 - DZ-10GV-1A

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
DZ-10G-B OMRON-DZ-10G-B Datasheet
1Mb / 6P
   Common Accessories
More results

유사한 설명 - DZ-10GV-1A

제조업체부품명데이터시트상세설명
logo
Systemsensor advanced i...
PSP1 SYSTEMSENSOR-PSP1 Datasheet
148Kb / 2P
   Special Purpose Supervisory Switch
logo
Omron Electronics LLC
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
   General-purpose Basic Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com