전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UVP-2X88 데이터시트(PDF) 2 Page - Unity Opto Technology

부품명 UVP-2X88
상세설명  2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UOT [Unity Opto Technology]
홈페이지  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-2X88 데이터시트(HTML) 2 Page - Unity Opto Technology

  UVP-2X88 Datasheet HTML 1Page - Unity Opto Technology UVP-2X88 Datasheet HTML 2Page - Unity Opto Technology UVP-2X88 Datasheet HTML 3Page - Unity Opto Technology UVP-2X88 Datasheet HTML 4Page - Unity Opto Technology UVP-2X88 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.3 inch ( 58.42mm )
8X8 DOT MATRIX LED DISPLAY
UVP-2X88 SERIES
PACKAGE DIMENSIONS
Fig. 1
INTERNAL CIRCUIT DIAGRAM
UVP-2X88A
UVP-2X88AA
Fig. 2
11/14/2000
Unity Opto Technology Co., Ltd.
7
6
5
4
3
2
1
1
2
3
4
5
23
24
2
3
20
21
5
6
17
18
22
1
19
4
16
7
13
PIN
COL
ROW
RED ORANGE
GREEN
14
6
8
9
11
7
15
8
12
8 10


유사한 부품 번호 - UVP-2X88

제조업체부품명데이터시트상세설명
logo
Unity Opto Technology
UVP-2X44 UOT-UVP-2X44 Datasheet
62Kb / 5P
   2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
UVP-2X58XX UOT-UVP-2X58XX Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
More results

유사한 설명 - UVP-2X88

제조업체부품명데이터시트상세설명
logo
Unity Opto Technology
UVP-2X58XX UOT-UVP-2X58XX Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-88211M9 CHINASEMI-CSM-88211M9 Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211S CHINASEMI-CSM-88211S Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211E CHINASEMI-CSM-88211E Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211G CHINASEMI-CSM-88211G Datasheet
212Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211T9 CHINASEMI-CSM-88211T9 Datasheet
213Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211V9 CHINASEMI-CSM-88211V9 Datasheet
205Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88261SG CHINASEMI-CSM-88261SG Datasheet
271Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211A9 CHINASEMI-CSM-88211A9 Datasheet
213Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88261VM9 CHINASEMI-CSM-88261VM9 Datasheet
266Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com