전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UVP-7188X 데이터시트(PDF) 1 Page - Unity Opto Technology

부품명 UVP-7188X
상세설명  0.787 inch ( 20.0mm ) 8X8 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UOT [Unity Opto Technology]
홈페이지  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-7188X 데이터시트(HTML) 1 Page - Unity Opto Technology

  UVP-7188X Datasheet HTML 1Page - Unity Opto Technology UVP-7188X Datasheet HTML 2Page - Unity Opto Technology UVP-7188X Datasheet HTML 3Page - Unity Opto Technology UVP-7188X Datasheet HTML 4Page - Unity Opto Technology UVP-7188X Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.787 inch ( 20.0mm )
8X8 DOT MATRIX LED DISPLAY
UVP-7188 X SERIES
DESCRIPTION
The UVP-7188 X SERIES is 0.787 inch ( 20.0mm) height 8X8 dot matrix display.
Single color display have the choices of three bright colors-amber/green/red orange.
All device have gray face and white dot.
A26 The green LED chip are made from GaP on a transparent GaP substrate.
The red orange and amber LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Industuy standard size
l
Wide viewing angle
l
Continuous uniform dot matrix.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
GREEN
UNIT
32
mW
90
mA
11
mA
0.15
mA/
oC
5
V
11/14/2000
Continuous Forward Current Per Dot
Derating Linear From 25
oC Per Dot
Reverse Voltage Per Dot
Operating Temperature Range
Storage Temperature Range
5
-35
oCto+85oC
-35
oCto+85oC
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
5
PARAMETER
Power Dissipation Per Dot
Peak Forward Current Per Dot
90
Fig. 1
Fig. 2
PART NO.
DESCRIPTION
PACKAGE DIMENSION
INTERNAL CIRCUIT
DIAGRAM
UVP-7188
Column Cathode
Multicolor display are applicable to two colors : green and red orange
0.15
11
AMBER
32
11
0.15
32
90
RED ORANGE
Unity Opto Technology Co., Ltd.


유사한 부품 번호 - UVP-7188X

제조업체부품명데이터시트상세설명
logo
Unity Opto Technology
UVP-747 UOT-UVP-747 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-757 UOT-UVP-757 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
More results

유사한 설명 - UVP-7188X

제조업체부품명데이터시트상세설명
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com