์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

UVP-7X7 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Unity Opto Technology

๋ถ€ํ’ˆ๋ช… UVP-7X7
์ƒ์„ธ๋‚ด์šฉ  0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  UOT [Unity Opto Technology]
ํ™ˆํŽ˜์ด์ง€  http://www.unityopto.com.tw
Logo 

UVP-7X7 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 5 / 5 page
background image
0.7 inch ( 17.22mm )
5X7 DOT MATRIX LED DISPLAY
UVP-7X7 SERIES
TYPICAL ELECTRICAL/OPTICAL CHARACTERISTIC CURVES
( Ambient Temperature =25
oC Unless Otherwise Noted )
11/14/2000
FIG.1 RELATIVE LUMINOUS
INTENSITY VS. WAVELENGTH
0
0.5
1
500 525 550 575 600 625 650 675 700 725 750
G Y
C
0.0
1.0
2.0
3.0
4.0
0
5
10 15 20 25 30
Forward Current IF (mA)
FIG.2 RELATIVE LUMINOUS INTENSITY
VS.
FORWARD CURRENT
G
0
5
10
15
20
0 10 20 30 40 50 60 70 80 90
Ambient Temperature (
oC )
FIG.3 FORWARD CURRENT
DERATING CURVE
G
C
Y
0.0
1.0
2.0
3.0
4.0
1
3
5
7
9
Forward Current IF (mA)
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
FORWARD CURRENT
C
Y
Unity Opto Technology Co., Ltd.
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
G
Forward Voltage (V)
FIG.4 FORWARD CURRENT VS.
FORWARD VOLTAGE
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
C
Y
Ambient Temperature (
oC )
FIG.3 ALLOWABLE DC CURRENT
VS. AMBIENT TEMPERATURE


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn