์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

UVP-7X7 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Unity Opto Technology

๋ถ€ํ’ˆ๋ช… UVP-7X7
์ƒ์„ธ๋‚ด์šฉ  0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  UOT [Unity Opto Technology]
ํ™ˆํŽ˜์ด์ง€  http://www.unityopto.com.tw
Logo 

UVP-7X7 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Unity Opto Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.7 inch ( 17.22mm )
5X7 DOT MATRIX LED DISPLAY
UVP-7X7 SERIES
DESCRIPTION
The UVP-747/757 is 0.7 inch (17.22mm) height 5X7 dot matrix display.
Single color display have the choices of three bright colors-AlGaAs red/green/yellow.
All device have gray face and white dot.
The AlGaAs red LED chip are made from AlGaAs on a non-transparent GaAs substrate.
The green LED chip are made from GaP on a transparent GaP substrate.
The yellow LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Industuy standard size
l
Wide viewing angle
l
Continuous uniform dot matrix.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
GREEN
UNIT
32
mW
90
mA
11
mA
0.15
mA/
oC
5
V
11/14/2000
PARAMETER
Power Dissipation Per Dot
0.08
8
80
110
14
0.19
Peak Forward Current Per Dot
Continuous Forward Current Per Dot
Derating Linear From 25
oC Per Dot
YELLOW
28
AlGaAs RED
32
PACKAGE DIMENSION
INTERNAL
CIRCUIT
DIAGRAM
UVP-747
Column Anode
Fig. 1
UVP-757
Column Cathode
PART NO.
DESCRIPTION
Fig. 2
Storage Temperature Range
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
5
-35
oCto+85oC
-35
oCto+85oC
5
Reverse Voltage Per Dot
Operating Temperature Range
Unity Opto Technology Co., Ltd.
PRELIMINARY


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn