전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G6B-2014P-US 데이터시트(PDF) 2 Page - Omron Electronics LLC

부품명 G6B-2014P-US
상세설명  Power PCB Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B-2014P-US 데이터시트(HTML) 2 Page - Omron Electronics LLC

  G6B-2014P-US Datasheet HTML 1Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 2Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 3Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 4Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 5Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 6Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 7Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 8Page - Omron Electronics LLC G6B-2014P-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
150
Power PCB Relay
G6B
■ Accessories (Order Separately)
Back Connecting Sockets
Note: 1. Not applicable to the self-clinching type.
2. Use the G6B-
@@@@P-US-P6B if mounting relays in a P6B Socket.
Specifications
■ Contact Ratings
Note: P level:
λ
60 = 0.1 x 10
-6/operation
■ Coil Ratings
Non-latching, Single Pole
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
Applicable Relay
Back Connecting Socket (See note 1.)
G6B(U)-1114P-US-P6B
P6B-04P
G6BK-1114P-US-P6B
P6B-06P
G6B-2
@@4P-US-P6B
P6B-26P
G6B-1174P-US-P6B
P6B-04P
Removal Tool
P6B-Y1
Hold-down Clips
P6B-C2
Item
SPST-NO
SPST-NO + SPST-NC, DPST-NO, DPST-NC
Load
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Resistive load
(cos
φ = 1)
Inductive load
(cos
φ = 0.4; L/R = 7 ms)
Rated load
5 A at 250 VAC;
5A at 30 VDC
2 A at 250 VAC;
2 A at 30 VDC
5 A at 250 VAC;
5A at 30 VDC
1.5 A at 250 VAC;
1.5 A at 30 VDC
Contact material
Ag Alloy (Cd free)
Rated carry current
5 A
Max. switching voltage
380 VAC, 125 VDC
Max. switching current
5 A
Max. switching capacity
1,250 VA, 150 W
500 VA, 60 W
1,250 VA, 150 W
375 VA, 80 W
Min. permissible load
(reference value - see note)
10 mA at 5 VDC
Item
SPST-NO (High-capacity)
Load
Resistive load (cos
φ = 1)
Inductive load (cos
φ = 0.4; L/R = 7 ms)
Rated load
8 A at 250 VAC; 8 A at 30 VDC
2 A at 250 VAC; 2 A at 30 VDC
Contact material
Ag Alloy (Cd free)
Rated carry current
8 A
Max. switching voltage
380 VAC, 125 VDC
Max. switching current
8 A
Max. switching capacity
2,000 VA, 150 W
Min. permissible load
(reference value - see note)
10 mA at 5 VDC
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value)(H)
Pick-up
voltage
Dropout
voltage
Max.
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
5
40
125
0.28
0.26
70% max.
10% min.
160% max. @
23
°C
Approx. 200
6
33.30
180
0.31
0.28
12
16.70
720
1.2
1.1
24
8.30
2,880
4.9
4.1


유사한 부품 번호 - G6B-2014P-US

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
G6B-2014P-US ETC1-G6B-2014P-US Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
1Mb / 10P
   High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
G6B-2014P-US OMRON-G6B-2014P-US Datasheet
542Kb / 9P
   Subminiature Relay that Switches up to 5 A
G6B-2014P-US-U OMRON-G6B-2014P-US-U Datasheet
1Mb / 10P
   High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO (1a), SPST-NC (1b), DPST-NO (2a), DPST-NC (2b) Types
More results

유사한 설명 - G6B-2014P-US

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com