전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

G6AK-274P-ST-US 데이터시트(PDF) 4 Page - Omron Electronics LLC

부품명 G6AK-274P-ST-US
상세설명  Low Signal Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6AK-274P-ST-US 데이터시트(HTML) 4 Page - Omron Electronics LLC

  G6AK-274P-ST-US Datasheet HTML 1Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 2Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 3Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 4Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 5Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 6Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 7Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 8Page - Omron Electronics LLC G6AK-274P-ST-US Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
84
Low Signal Relay
G6A
Low-sensitivity Dual Coil Latching DPDT (G6AK-274P-ST40-US)
Standard Single Coil Latching 4PDT (G6AU-474P-ST-US)
Standard Dual Coil Latching 4PDT (G6AK-474P-ST-US
Dual Coil Latching Low-sensitivity 4PDT (G6AK-474P-ST40-US)
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
3. The maximum voltage is the highest voltage that can be imposed on the relay coil.
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance (ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set coil
Reset coil
Armature
OFF
Armature
ON
Armature
OFF
Armature
ON
% of rated voltage
3
120
25
0.015
0.01
0.01
0.015
70% max.
70% min.
150%
at 23
°C
Approx. 360
4.5
79.9
56.3
0.04
0.025
0.025
0.04
5
72.50
69
0.05
0.035
0.035
0.05
6
60
100
0.07
0.05
0.05
0.07
9
40
225
0.16
0.12
0.12
0.16
12
30
400
0.28
0.20
0.20
0.28
24
15
1,600
1.10
0.75
0.75
1.10
48
7.50
6,400
4
2.90
2.9
4
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance (ref. value) (H)
Set pick-up
voltage
Reset pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
3
106.80
28.10
0.03
0.02
70% max.
70% min.
150%
at 23
°C
Approx. 320
4.5
71.2
63.2
0.06
0.04
5
64
78.10
0.08
0.06
6
53.30
112.50
0.11
0.08
9
35.60
253
0.25
0.18
12
26.70
450
0.45
0.32
24
13.30
1,800
1.80
1.30
48
6.70
7,200
7.00
5.20
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance (ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set coil
Reset coil
Armature
OFF
Armature
ON
Armature
OFF
Armature
ON
% of rated voltage
3
106.80
28.10
0.03
0.02
0.02
0.03
70% max.
70% min.
150%
at 23
°C
Approx. 320
4.5
71.2
63.2
0.06
0.04
0.04
0.06
5
64
78.10
0.08
0.06
0.06
0.08
6
53.30
112.50
0.11
0.08
0.08
0.11
9
35.60
253
0.25
0.18
0.18
0.25
12
26.70
450
0.45
0.32
0.32
0.45
24
13.30
1,800
1.80
1.30
1.30
1.80
48
6.70
7,200
7.00
5.20
5.20
7.00
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance (ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Set coil
Reset coil
Armature
OFF
Armature
ON
Armature
OFF
Armature
ON
% of rated voltage
3
120
25
0.02
0.02
0.02
0.02
70% max.
70% min.
150%
at 23
°C
Approx. 360
4.5
79.9
56.3
0.045
0.035
0.035
0.045
5
72.50
69
0.065
0.05
0.05
0.065
6
60
100
0.09
0.075
0.075
0.09
9
40
225
0.18
0.14
0.14
0.18
12
30
400
0.30
0.23
0.23
0.30
24
15
1,600
1.20
0.82
0.82
1.20
48
7.50
6,400
4.40
3.20
3.20
4.40


유사한 부품 번호 - G6AK-274P-ST-US

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G6AK-274P-ST-US OMRON-G6AK-274P-ST-US Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
G6AK-274P-ST-US OMRON-G6AK-274P-ST-US Datasheet
454Kb / 8P
   Fullly Sealed Relay with High Impulse Withstand
More results

유사한 설명 - G6AK-274P-ST-US

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com