전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA7668BP 데이터시트(PDF) 1 Page - Unisonic Technologies

부품명 TA7668BP
상세설명  DUAL PRE-AMPLIFIER FOR TAPE RECORDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7668BP 데이터시트(HTML) 1 Page - Unisonic Technologies

  TA7668BP Datasheet HTML 1Page - Unisonic Technologies TA7668BP Datasheet HTML 2Page - Unisonic Technologies TA7668BP Datasheet HTML 3Page - Unisonic Technologies TA7668BP Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCTA7668BP LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R110-008,A
DUAL PRE-AMPLIFIER FOR TAPE
RECORDER
DESCRIPTION
The UTC TA7668BP is a dual pre-amplifier with ALC and
muting designed for use recorder/playback amplifier of tape
recorder. It is suitable for a stereo set and a radio cassette
recorder.
FEATURES
*Build-in ALC detector circuit
*Build-in muting circuit
*Wide operating voltage range( 6V to 15V)
DIP-16
BLOCK DIAGRAM
7
8
10
6
11
DET
3
4
15
14
16
2
5
12
9
13
1
ALC
Rec
AMP
Rec
AMP
Pre
AMP
Pre-
AMP
Ch1 Pre-Out
and Rec in
Ch1 Rec
Output
Mute
Input
Mute
Output
Vcc
Vs
Rec
GND
Mute
Output
Ch2 Rec
Output
Pre
GND
Ch2 Pre-Out
and Rec In
Ch2 Pre IN NF
Ch2 Pre IN
ALC
Ch1 Pre IN NF
Ch1 Pre IN
ABSOLUTE MAXIMUN RATING(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
16
V
Power Dissipation
PD
750
mW
Operating Temperature
TOPR
-25~75
°C
Storage Temperature
TSTG
-55~150
°C
Note: De-rated above Ta=25
°C in proportion of 6mW/°C.


유사한 부품 번호 - TA7668BP

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TA7668BP ETC-TA7668BP Datasheet
101Kb / 4P
   LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - TA7668BP

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXA1262N SONY-CXA1262N Datasheet
203Kb / 10P
   PRE-AMPLIFIER/ POWER-AMPLIFIER FOR TAPE RECORDER
logo
New Japan Radio
NJM2775A NJRC-NJM2775A Datasheet
24Kb / 3P
   PRE&HI-POWER AMPLIFIER with ALC for PORTABLE TAPE RECORDER
logo
Toshiba Semiconductor
TA7658P TOSHIBA-TA7658P Datasheet
847Kb / 12P
   DUAL PREAMPLIFIER FOR TAPE RECORDER
TA7628P TOSHIBA-TA7628P Datasheet
501Kb / 12P
   AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
logo
Unisonic Technologies
TA7738P UTC-TA7738P Datasheet
83Kb / 5P
   AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
logo
Toshiba Semiconductor
TA7137P TOSHIBA-TA7137P Datasheet
300Kb / 4P
   PRE-AMPLIFIER(RECORDING OR PLAYING-BACK WITH ALC TRANSISTOR FOR TAPE RECORDER)
logo
NTE Electronics
NTE1043 NTE-NTE1043 Datasheet
19Kb / 2P
   Integrated Circuit Audio Amplifier for Tape Recorder
NTE1651 NTE-NTE1651 Datasheet
24Kb / 3P
   Integrated Circuit Dual Preamp for Tape Recorder
logo
Sony Corporation
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
NXP Semiconductors
TEA0677T PHILIPS-TEA0677T Datasheet
147Kb / 13P
   Dual pre-amplifier and equalizer for reverse tape decks
August 1993
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com