์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

UTCULN2003 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Unisonic Technologies

๋ถ€ํ’ˆ๋ช… UTCULN2003
์ƒ์„ธ๋‚ด์šฉ  SEVEN DARLINGTON ARRAYS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  UTC [Unisonic Technologies]
ํ™ˆํŽ˜์ด์ง€  http://www.utc-ic.com
Logo 

UTCULN2003 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 4 / 7 page
background image
UTC ULN2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R113-001,B
8. tON, tOFF
Note1: Pulse width 50
ยตs, duty cycle 10%
Output impedance 50
โ„ฆ , tr<=5ns, tf<=10ns
Note2: R1: 0, VIH : 3V
Note3: CL includes probe and jig capacitance.


Html Pages

1  2  3  4  5  6  7 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
ULN2000SEVEN DARLINGTON ARRAYS 1 2 3 4 5 MoreSTMicroelectronics
ULQ2001SEVEN DARLINGTON ARRAYS 1 2 3 4 5 MoreSTMicroelectronics
ULN2001A-ULN2002ASEVEN DARLINGTON ARRAYS 1 2 3 4 5 MoreSTMicroelectronics
ULN200XSEVEN DARLINGTON ARRAYS 1 2 3 4 5 MoreSTMicroelectronics
ULN2003ASEVEN DARLINGTON ARRAYS 1 2 3 4 5 MoreSTMicroelectronics
ULX2803High Voltage High Current Darlington Arrays 1 2 3 4 5 MoreAllegro MicroSystems
ULQ2801AEIGHT DARLINGTON ARRAYS 1 2 3 4 5 MoreSTMicroelectronics
SN75468DARLINGTON TRANSISTOR ARRAYS 1 2 3 4 5 MoreTexas Instruments
ULN2001AHIGH-VOLTAGE HIGH-CURRENT DARLINGTON ARRAYS 1 2 3 4 5 MoreList of Unclassifed Manufacturers

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn