전자부품 데이터시트 검색엔진 |
|
TC005-602 데이터시트(PDF) 2 Page - RFE international |
|
TC005-602 데이터시트(HTML) 2 Page - RFE international |
2 / 3 page TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded C6A03 REV 2004.11.15 1000 1000 10 0.1 0.01 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110120 130140150 1 TEMPERATURE (¢J ) RESISTANCE - TEMPERATURE CURVE OF TC SERIES TC005-102 TC005-10 4 TC005-50 3 TC005-20 3 TC005-40 3 TC005-153 TC005-103 TC005-682 TC005-502 TC005-402 TC005-302 TC005-202 TC005-152 R-T CHARACTERISTIC CURVE TEMPERATURE (¢J ) 500 200 100 50 20 10 5 2 1 0.1 0.2 0.5 1 2 5 10 20 50 100 200 500 1000 2000 5000 10000 CURRENT (mA) 0.1W 0.2W 2M W 1M W 500K W 0.5W 1W 2W 100K W 50K W 5W 200K W 10W 20K W 20W 10K W 50W 5K W 2K W 1K W 500 W 200 W 100 W 0.05W 1000 TC0 05- 104 TC0 05- 503 TC0 05- 203 TC0 05- 403 TC00 5-15 3 TC0 05-1 03 TC0 05-6 82 TC0 05-5 02 TC0 05-4 02 TC0 05-3 02 TC0 05-2 02 TC0 05-1 52 TC0 05-1 02 V-I CHARACTERISTIC CURVE RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com |
유사한 부품 번호 - TC005-602 |
|
유사한 설명 - TC005-602 |